Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G771 Datasheet(PDF) 13 Page - Global Mixed-mode Technology Inc

Part # G771
Description  Two Remote Temperature Sensors with SMBus Serial Interface and System Reset Circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G771 Datasheet(HTML) 13 Page - Global Mixed-mode Technology Inc

Back Button G771 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 12Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 13Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 14Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 15Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Ver: 0.2 Preliminary
Dec 11, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
13
G771
Global Mixed-mode Technology Inc.
To check for internal bus collisions, read the status
byte. If the least significant seven bits are ones, dis-
card the data and read the status byte again. The
status bits LHIGH, LLOW, RHIGH, and RLOW are
refreshed on the SMBus clock edge immediately fol-
lowing the stop condition, so there is no danger of
losing temperature-related status data as a result of
an internal bus collision. The OPEN status bit (diode
continuity fault) is only refreshed at the beginning of a
conversion, so OPEN data is lost. The ALERT inter-
rupt latch is independent of the status byte register, so
no false alerts are generated by an internal bus colli-
sion.
When auto-converting, if the THIGH and TLOW limits
are close together, it's possible for both high-temp and
low-temp status bits to be set, depending on the
amount of time between status read operations (espe-
cially when converting at the fastest rate). In these
circumstances, it's best not to rely on the status bits to
indicate reversals in long-term temperature changes
and instead use a current temperature reading to es-
tablish the trend direction.
Temperature Conversion Rate Byte
The conversion rate register (Table 7) programs the
time interval between conversions in free running
auto-convert mode. This variable rate control reduces
the supply current in portable-equipment applications.
The conversion rate byte's POR state is 02h (0.25Hz).
The G771 looks only at the 3 LSB bits of this register,
so the upper 5 bits are "don't care" bits, which should
be set to zero. The conversion rate tolerance is ±25%
at any rate setting.
Valid A/D conversion results for all channels are avail-
able one total conversion time (125ms nominal, 156ms
156ms maximum) after initiating a conversion, whether
conversion is initiated via the RUN/STOP bit, one-shot
command, or initial power-up. Changing the conver-
sion rate can also affect the delay until new results are
available. See Table 8.
Slave Addresses
The G771 appears to the SMBus as one device hav-
ing a common address for all the ADC and fan control
channels. The device address is fixed to be 7Ah for
write and 7Bh for read.
The G771 also responds to the SMBus Alert Re-
sponse slave address (see the Alert Response Ad-
dress section).
POR and UVLO
The G771 has a volatile memory. To prevent ambigu-
ous power-supply conditions from corrupting the data
in memory and causing erratic behavior, a POR volt-
age detector monitors Vcc and clears the memory if
Vcc falls below 1.7V (typical, see Electrical Charac-
teristics table). When power is first applied and Vcc
rises above 1.75V (typical), the logic blocks begin op-
erating, although reads and writes at VCC levels below
3V are not recommended. A second Vcc comparator,
the ADC UVLO comparator, prevents the ADC from
converting until there is sufficient headroom (Vcc =
2.8V typical).
Power-Up Defaults:
Interrupt latch is cleared.
ADC begins auto /converting at a 0.25Hz rate.
Command byte is set to 00h to facilitate quick re-
mote Receive Byte queries.
THIGH and TLOW registers are set to max and
min limits, respectively



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com