Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4872 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4872
Description  1 Watt Audio Power Amplifier in micro SMD package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4872 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4872 Datasheet HTML 6Page - National Semiconductor (TI) LM4872 Datasheet HTML 7Page - National Semiconductor (TI) LM4872 Datasheet HTML 8Page - National Semiconductor (TI) LM4872 Datasheet HTML 9Page - National Semiconductor (TI) LM4872 Datasheet HTML 10Page - National Semiconductor (TI) LM4872 Datasheet HTML 11Page - National Semiconductor (TI) LM4872 Datasheet HTML 12Page - National Semiconductor (TI) LM4872 Datasheet HTML 13Page - National Semiconductor (TI) LM4872 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Information (Continued)
DIFFERENTIAL
AMPLIFIER
CONFIGURATION
FOR
LM4872
Mono LM4872 Reference Design Board - Assembly Part Number:
980011207-100 Revision: A Bill of Material
Item
Part Number
Part Description
Qty
Ref Designator
1
551011208-001
LM4872 Mono Reference
Design Board PCB etch 001
1
10
482911183-001
LM4872 Audio AMP micro
SMD 8 Bumps
1U1
20
151911207-001
Cer Cap 0.1uF 50V +80/-20
1206
1C1
21
151911207-002
Cer Cap 0.39uF 50V Z5U 20
1210
1C2
25
152911207-001
Tant Cap 1uF 16V 10
Size=A 3216
1C3
30
472911207-001
Res 20K Ohm 1/10W 5
0805
3
R1, R2, R3
31
472911207-002
Res 1K Ohm 1/10W 5
0805
2
R4, R5,
35
210007039-002
Jumper Header Vertical
Mount 2X1 0.100
3
J1, J2, J3
36
210007582-001
Jumper Shunt 2 position
0.100
3
DS101230-29
Figure 3
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com