Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2FM3 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # M2FM3
Description  SCHOTTKY RECTIFIERS (SBD)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

M2FM3 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  M2FM3 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd M2FM3 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd M2FM3 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd M2FM3 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd M2FM3 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd M2FM3 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd M2FM3 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd M2FM3 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd M2FM3 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
M2FM3
30V 6A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
RATINGS
SHINDENGEN
Single
Schottky Rectifiers (SBD)
œAbsolute Maximum Ratings (Tc=25Ž)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55`150
Ž
Operating Junction Temperature
Tj
150
Ž
Maximum Reverse Voltage
VRM
30
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load Ta=25Ž On glass-epoxy substrate
4.3
A
50Hz sine wave, R-load Tc=99Ž
6.0
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25Ž
120
A
œElectrical Characteristics Tc=25Ž
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF1
IF=2.0A, Pulse measurement
Max.0.40
V
VF2
IF=6.0A, Pulse measurement
Max.0.46
Reverse Current
IR
VR=VRM, Pulse measurement
Max.0.2
mA
Junction Capacitance
Cj
f=1MHz, VR=10V
Typ.240
pF
Æjc
junction to case
Max.14
Thermal Resistance
Æjl
junction to lead
Max.16
Ž/W
Æja
junction to ambient On glass-epoxy substrate
Max.55


Similar Part No. - M2FM3

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
M2FM3 SHINDENGEN-M2FM3_10 Datasheet
547Kb / 2P
Schottky Barrier Diode
More results

Similar Description - M2FM3

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
M2FH3 SHINDENGEN-M2FH3 Datasheet
468Kb / 11P
SCHOTTKY RECTIFIERS (SBD)
SF20SC6 SHINDENGEN-SF20SC6 Datasheet
451Kb / 10P
SCHOTTKY RECTIFIERS (SBD)
SF20SC9 SHINDENGEN-SF20SC9 Datasheet
356Kb / 8P
SCHOTTKY RECTIFIERS SBD
S40HC1R5 SHINDENGEN-S40HC1R5 Datasheet
254Kb / 8P
SCHOTTKY RECTIFIERS SBD
DG1M3 SHINDENGEN-DG1M3 Datasheet
248Kb / 8P
SCHOTTKY RECTIFIERS (SBD)
M1FM3 SHINDENGEN-M1FM3 Datasheet
541Kb / 12P
Schottky Rectifiers (SBD)
D15XBS6 SHINDENGEN-D15XBS6 Datasheet
476Kb / 11P
Schottky Rectifiers(SBD)
S60HC3 SHINDENGEN-S60HC3 Datasheet
255Kb / 8P
Schottky Rectifiers(SBD)
SF20JC10 SHINDENGEN-SF20JC10 Datasheet
256Kb / 8P
Schottky Rectifiers (SBD)
DG1H3 SHINDENGEN-DG1H3 Datasheet
261Kb / 9P
SCHOTTKY RECTIFIERS (SBD)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com