Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89800007 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 89800007
Description  BRUSH MOTORS THE POWER OF SILENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

89800007 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 89800007 Datasheet HTML 5Page - List of Unclassifed Manufacturers 89800007 Datasheet HTML 6Page - List of Unclassifed Manufacturers 89800007 Datasheet HTML 7Page - List of Unclassifed Manufacturers 89800007 Datasheet HTML 8Page - List of Unclassifed Manufacturers 89800007 Datasheet HTML 9Page - List of Unclassifed Manufacturers 89800007 Datasheet HTML 10Page - List of Unclassifed Manufacturers 89800007 Datasheet HTML 11Page - List of Unclassifed Manufacturers 89800007 Datasheet HTML 12Page - List of Unclassifed Manufacturers 89800007 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
| WWW.CROUZET-MOTORS.COM
| 12
| DCmind BRUSH MOTORS
Ø 42 mm - 36 W
› Silent motor
› 12 V and 24 V built in EMC filter class B
› Excellent efficiency
› Long life
› IP65
› In accordance with UL - CE - ROHS regulations
12 V
24 V
48 V
0
0
8
9
8
0
0
8
9
8
0
0
8
9
8
e
p
y
T
Voltage
12 Vc
24 Vc
48 Vc
References
Option: IP65 level
89800007
89800008
89800003
Option: holding brake 0.25 Nm, 24 Vc
89800507
89800508
89800503
Option: 2 channels encoder 1000 pulses/revolution, 5 Vc
89800907
89800908
89800903
No-load characteristics
0
3
9
3
0
0
0
4
0
0
2
4
)
m
p
r
(
d
e
e
p
S
7
0
.
0
5
1
1
.
0
6
2
.
0
)
A
(
t
n
e
r
r
u
c
d
e
b
r
o
s
b
A
Nominal characteristics
0
5
1
3
0
0
1
3
0
5
0
3
)
m
p
r
(
d
e
e
p
S
5
7
5
7
5
7
)
m
N
m
(
e
u
q
r
o
T
5
2
4
2
4
2
)
W
(
r
e
w
o
p
t
u
p
t
u
O
2
7
.
0
3
4
.
1
3
)
A
(
t
n
e
r
r
u
c
d
e
b
r
o
s
b
A
2
7
1
7
7
6
)
%
(
y
c
n
e
i
c
if
f
E
Maximum efficiency characteristics
0
5
4
3
0
0
5
3
0
2
6
3
)
m
p
r
(
d
e
e
p
S
8
4
1
4
8
3
)
m
N
m
(
e
u
q
r
o
T
7
1
5
1
4
1
)
W
(
r
e
w
o
p
t
u
p
t
u
O
9
4
.
0
4
8
.
0
6
.
1
)
A
(
t
n
e
r
r
u
c
d
e
b
r
o
s
b
A
4
7
5
7
3
7
)
%
(
y
c
n
e
i
c
if
f
E
General characteristics
E
s
s
a
l
C
E
s
s
a
l
C
E
s
s
a
l
C
5
8
0
0
6
C
E
I
o
t
g
n
i
m
r
o
f
n
o
c
n
o
it
a
l
u
s
n
I
5
3
5
3
5
3
)
A
B
d
(
l
e
v
e
l
e
s
i
o
N
9
3
6
3
0
3
)
W
(
r
e
w
o
p
t
u
p
t
u
o
.
x
a
M
7
7
3
4
4
3
6
7
2
)
m
N
m
(
e
u
q
r
o
t
g
n
it
r
a
t
S
3
.
3
1
.
6
3
.
0
1
)
A
(
t
n
e
r
r
u
c
g
n
it
r
a
t
S
Resistance (
Ω
5
.
4
1
9
.
3
2
.
1
)
3
1
3
8
.
0
)
H
m
(
e
c
n
a
t
c
u
d
n
I
5
1
1
7
5
7
2
)
A
/
m
N
m
(
t
n
a
t
s
n
o
c
e
u
q
r
o
T
9
.
0
8
.
0
7
.
0
)
s
m
(
t
n
a
t
s
n
o
c
e
m
it
l
a
c
ir
t
c
e
l
E
2
1
3
1
7
1
)
s
m
(
t
n
a
t
s
n
o
c
e
m
it
l
a
c
i
n
a
h
c
e
M
Inertia (g.cm2 )
0
1
1
0
1
1
0
1
1
0
5
4
0
5
4
0
5
4
)
g
(
t
h
g
i
e
W
8
8
8
s
t
n
e
m
g
e
s
r
o
t
a
t
u
m
m
o
C
0
0
0
4
0
0
0
4
0
0
0
4
)
h
(
e
fi
l
e
c
i
v
r
e
S
0
0
2
0
0
2
0
0
2
)
m
m
(
h
t
g
n
e
l
s
e
ri
W
Ball bearing
Comments
IP65 level except for the output shaft. Encoder and brake options are IP20.
› Special output shaft
› Shaft with pinion, pulley, worm gear
› Special supply voltage
› Other wire length
› Optical or Hall effect encoder - 1 or 2 channels
› Specific motor mounting flange
› Special motor connectors
› IP67, IP69K
DCmind: DC DIRECT-DRIVE BRUSH MOTORS
Part numbers
Product adaptations, contact us
Product made to order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com