Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4874 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4874
Description  2.1W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4874 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM4874 Datasheet HTML 13Page - National Semiconductor (TI) LM4874 Datasheet HTML 14Page - National Semiconductor (TI) LM4874 Datasheet HTML 15Page - National Semiconductor (TI) LM4874 Datasheet HTML 16Page - National Semiconductor (TI) LM4874 Datasheet HTML 17Page - National Semiconductor (TI) LM4874 Datasheet HTML 18Page - National Semiconductor (TI) LM4874 Datasheet HTML 19Page - National Semiconductor (TI) LM4874 Datasheet HTML 20Page - National Semiconductor (TI) LM4874 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Application Information (Continued)
As mentioned in the External Components section, the inter-
nal input resistor and C
i create a high pass filter that sets the
amplifier’s lower bandpass frequency limit. Find the coupling
capacitor’s value using Equation (11).
f
-3dB = 1/2
π(20kΩ)C
I
(11)
The result is (using the minimum R
IN resistor value to ensure
correct magnitude response at 20Hz)
1/(2
π*20kΩ*20Hz) = 0.398µF
(12)
Use a 0.39µF capacitor, the closest standard value. The
product of the desired high frequency cutoff (100kHz in this
example) and the differential gain, A
VD, determines the up-
per passband response limit. With A
VD = 3.2 and fH =
100kHz, the closed-loop gain bandwidth product (GBWP) is
320kHz. This is less than the LM4874’s 3.5MHz GBWP. With
this margin, the amplifier can be used in designs that require
more differential gain while avoiding performance-restricting
bandwidth limitations.
Recommended Printed Circuit
Board Layout
Figures 2 through 6 show the recommended four-layer PC
board layout that is optimized for the 20-pin MH-packaged
LM4874 and associated external components. This circuit is
designed for use with an external 5V supply and 3
Ω (or
higher) speakers (or load resistors).
This circuit board is easy to use. Apply 5V and ground to the
board’s V
DD
and GND terminals, respectively. Connect
speakers (or load resistors) between the board’s -OUTA and
+OUTA and -OUTB and +OUTB pads. Apply balanced dif-
ferential stereo input signals to the input pins labeled ’-INA,’
’+INA,’ ’-INB,’ and ’+INB.’
200469D7
FIGURE 2. Recommended MH PC Board Layout:
Component-Side Silkscreen
200469D8
FIGURE 3. Recommended MH PC Board Layout:
Component-Side Layout
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com