Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USL3531G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # USL3531G-S08-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USL3531G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  USL3531G-S08-R Datasheet HTML 1Page - Unisonic Technologies USL3531G-S08-R Datasheet HTML 2Page - Unisonic Technologies USL3531G-S08-R Datasheet HTML 3Page - Unisonic Technologies USL3531G-S08-R Datasheet HTML 4Page - Unisonic Technologies USL3531G-S08-R Datasheet HTML 5Page - Unisonic Technologies USL3531G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
USL3531
Advance
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R103-101.a
NON-ISOLATED BUCK
OFFLINE LED DRIVER
DESCRIPTION
The UTC USL3531 is a high performance, high precision and
low cost constant current LED driver for non-isolated buck
application. The device operates in critical conduction mode and
is suitable for 85V~265V universal input offline LED lighting. It
operates in critical conduction mode, the output current does not
change with the inductance and LED output voltage.
The UTC USL3531 integrates a 500V power MOSFET. It can
achieve excellent constant current performance with very few
external components, so the system cost and size are minimized.
The UTC USL3531 offers rich protection functions to improve
the system reliability, including LED open circuit protection, LED
short circuit protection, VCC under voltage protection, CS resistor
short circuit protection and thermal regulation function.
FEATURES
* Critical conduction mode operation
* Internal 500V Power MOSFET
* Ultra low operating current
* No auxiliary winding
* ±5% LED output current accuracy
* LED short protection
* LED open protection
* VCC under voltage protection
* Current sensing resistor short protection
* Thermal regulation function
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
USL3531G-S08-R
SOP-8
Tape Reel
USL3531G-S08-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) S08: SOP-8
(3) G: Halogen Free and Lead Free
(3)Green Package
MARKING


Similar Part No. - USL3531G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USL3531K UTC-USL3531K Datasheet
199Kb / 6P
NON-ISOLATED BUCK OFFLINE LED DRIVER
USL3531KG-S08-R UTC-USL3531KG-S08-R Datasheet
199Kb / 6P
NON-ISOLATED BUCK OFFLINE LED DRIVER
More results

Similar Description - USL3531G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com