Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3651AG-S08-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # US3651AG-S08-R
Description  CMOS IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3651AG-S08-R Datasheet(HTML) 9 Page - Unisonic Technologies

  US3651AG-S08-R Datasheet HTML 1Page - Unisonic Technologies US3651AG-S08-R Datasheet HTML 2Page - Unisonic Technologies US3651AG-S08-R Datasheet HTML 3Page - Unisonic Technologies US3651AG-S08-R Datasheet HTML 4Page - Unisonic Technologies US3651AG-S08-R Datasheet HTML 5Page - Unisonic Technologies US3651AG-S08-R Datasheet HTML 6Page - Unisonic Technologies US3651AG-S08-R Datasheet HTML 7Page - Unisonic Technologies US3651AG-S08-R Datasheet HTML 8Page - Unisonic Technologies US3651AG-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
US3651A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R129-014.a
TYPICAL APPLICATION CIRCUIT (5V, 1A)
BOM
Reference
Component
Reference
Component
BD1
BD 1A/650V
R1
R 2.4KΩ 1206 ±5%
L1
1m H 6x8mm
R2,R3
R 1.5MΩ 1206 ±5%
C1
EC 4.7u F 400V 105°C
R4
R 200KΩ 1206 ±5%
C2
EC 4.7u F 400V 105°C
R5
R 11.3KΩ 0805 ±1%
C3
EC 10u F 50V 105°C
R6
R 2.32KΩ 0805 ±1%
C4
CC 1n F 1000V 1206
R7
R 1.8Ω 1206 ±5%
C5
CC 0.1u F 50V 0805
R8
R 3.7KΩ 1206 ±5%
C6
EC 1000u F 10V 105°C
T1
EE-16 or EE-13
D1,D2
Diode UTC 1N4007
F1
FUSE 1A 250VAC
D3
Diode UTC MGBR10V45G
CY1
Y/C 1000p F 250V
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com