Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTRS458G-S08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UTRS458G-S08-R
Description  CMOS IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTRS458G-S08-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UTRS458G-S08-R Datasheet HTML 1Page - Unisonic Technologies UTRS458G-S08-R Datasheet HTML 2Page - Unisonic Technologies UTRS458G-S08-R Datasheet HTML 3Page - Unisonic Technologies UTRS458G-S08-R Datasheet HTML 4Page - Unisonic Technologies UTRS458G-S08-R Datasheet HTML 5Page - Unisonic Technologies UTRS458G-S08-R Datasheet HTML 6Page - Unisonic Technologies UTRS458G-S08-R Datasheet HTML 7Page - Unisonic Technologies UTRS458G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
UTRS458
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R113-016.b
TEST CIRCUIT (Cont.)
VOH
VOL
RO
A
-1V
B
1.5V
Output
tRPHL
Input
1.5V
tRPLH
3V
0V
REB
VCC
RO
VOL
VOH
RO
0
1.5V
tRZL
1.5V
1.5V
tRZH
Output Normally Low
Output Normally High
tRLZ
1.5V
VOL+0.5V
VOH-0.5V
tRHZ
Fig. 9 Receiver Propagation Delays
Fig. 10 Receiver Enable and Disable Times
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com