Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDP2110S Datasheet(PDF) 6 Page - OSRAM GmbH

Part # HSDP2110S
Description  Alphanumeric Intelligent Display Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

HSDP2110S Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button HSDP2110S Datasheet HTML 2Page - OSRAM GmbH HSDP2110S Datasheet HTML 3Page - OSRAM GmbH HSDP2110S Datasheet HTML 4Page - OSRAM GmbH HSDP2110S Datasheet HTML 5Page - OSRAM GmbH HSDP2110S Datasheet HTML 6Page - OSRAM GmbH HSDP2110S Datasheet HTML 7Page - OSRAM GmbH HSDP2110S Datasheet HTML 8Page - OSRAM GmbH HSDP2110S Datasheet HTML 9Page - OSRAM GmbH HSDP2110S Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2006-01-23
6
HSDP2110S, HSDP2111S, HSDP2112S, HSDP2113S, HSDP2114S, HSDP2115S
Electrical Characteristics at 25°C
Parameters
Limits
Conditions
Min.
Typ.
Max.
Units
V
CC
4.5
5.0
5.5
V
—
I
CC Blank
—
0.65
1.0
mA
V
CC=5.0 V, VIN=5.0 V
I
CC 12 dots/digit on
(1) (2)
—
185
255
mA
V
CC=5.0 V, “V” in all 8 digits
I
CC 20 dots/digit on
(1) (2)
—
284
370
mA
V
CC=5.0 V, “#” in all 8 digits
I
ILP (with pull-up)
Input Leakage
–18
–11
–5.0
µA
V
CC=5.0 V, VIN=0 V to VCC,
(WR, CE, FL, RST, RD, CLKSEL)
I
IL (no pull-up)
Input Leakage
–1.0
—
+1.0
µA
V
CC=5.0 V, VIN=0–5 V,
(CLK, A0–A3, D0–D7)
V
IH
Input Voltage High
2.0
—
V
CC
+0.3
V
V
CC=4.5 V to 5.5 V
V
IL
Input Voltage Low
GND
–0.3
—
—
V
V
CC=4.5 V to 5.5 V
V
OL (D0–D7), Output Voltage Low
—
—
0.4
V
V
CC=4.5 V, IOL=1.6 mA
V
OL (CLK), Output Voltage Low
—
—
0.4
V
V
CC=4.5 V, IOL= 40 µA
V
OH Output Voltage High
2.4
—
—
V
V
CC=4.5 V, IOH= –40 µA
θ
JC Thermal Resistance,
Junction to Case
—
25
—
°C/W
—
Clock I/O Frequency
28
57.34
81.14
kHz
V
CC=4.5 to 5.5 V
FM, Digit Multiplex Frequency
125
256
362.5
Hz
V
CC=4.5 to 5.5 V
Blinking Rate
0.98
2.0
2.83
Hz
—
Clock I/O Buss Loading
—
—
2.40
pF
—
Clock Out Rise Time
—
—
500
nsec
V
CC=4.5 V, VOH=2.4 V
Clock Out Fall Time
—
—
500
nsec
V
CC=4.5 V, VOH=0.4 V
Notes:
1)
I
CC is an average value.
2)
I
CC is measured with the display at full brightness. Peak ICC=
28/
15 ICC average (#displayed).
Recommended Operating Conditions (T
A=–40°C to +85°C)
Parameter
Symbol
Min.
Max.
Units
Supply Voltage
V
CC
4.5
5.5
V
Input Voltage Low
V
IL
—
0.8
V
Input Voltage High
V
IH
2.0
—
V
Output Voltage Low
V
OL
—
0.4
V
Output Voltage High
V
OH
2.4
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com