Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDP2111S Datasheet(PDF) 14 Page - OSRAM GmbH

Part # HSDP2111S
Description  Alphanumeric Intelligent Display Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

HSDP2111S Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button HSDP2111S Datasheet HTML 8Page - OSRAM GmbH HSDP2111S Datasheet HTML 9Page - OSRAM GmbH HSDP2111S Datasheet HTML 10Page - OSRAM GmbH HSDP2111S Datasheet HTML 11Page - OSRAM GmbH HSDP2111S Datasheet HTML 12Page - OSRAM GmbH HSDP2111S Datasheet HTML 13Page - OSRAM GmbH HSDP2111S Datasheet HTML 14Page - OSRAM GmbH HSDP2111S Datasheet HTML 15Page - OSRAM GmbH HSDP2111S Datasheet HTML 16Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
HSDP2110S, HSDP2111S, HSDP2112S, HSDP2113S, HSDP2114S, HSDP2115S
2006-01-23
14
Electrical and Mechanical Considerations
Voltage Transient Suppression
For best results power the display and the components that inter-
face with the display to avoid logic inputs higher than V
CC. Addi-
tionally, the LEDs may cause transients in the power supply line
while they change display states. The common practice is to place
a parallel combination of a 0.01 µF and a 22 µF capacitor between
V
CC and GND for all display packages.
ESD Protection
The input protection structure of the HDSP211XS provides signifi-
cant protection against ESD damage. It is capable of withstanding
discharges greater than 2.0 kV. Take all the standard precautions,
normal for CMOS components. These include properly grounding
personnel, tools, tables, and transport carriers that come in con-
tact with unshielded parts. If these conditions are not, or cannot be
met, keep the leads of the device shorted together or the parts in
antistatic packaging.
Soldering Considerations
The HDSP211XS can be hand soldered with SN63 solder using a
grounded iron set to 260°C.
Wave soldering is also possible following these conditions:
Preheat that does not exceed 93°C on the solder side of the PC
board or a package surface temperature of 85°C. Water soluble
organic acid flux (except carboxylic acid) or rosin-based RMA flux
without alcohol can be used.
Direct contact with alcohol or alcohol vapor will cause degradation
of the package.
Wave temperature of 245°C ±5°C with a dwell between 1.5 sec.
to 3.0 sec. Exposure to the wave should not exceed tempera-
tures above 260°C for five seconds at 0.063" below the seating
plane. The packages should not be immersed in the wave.
Post Solder Cleaning Procedures
The least offensive cleaning solution is hot D.I. water (60°C) for
less than 15 minutes. Addition of mild saponifiers is acceptable. Do
not use commercial dishwasher detergents.
For faster cleaning, solvents may be used. Exercise care in choos-
ing solvents as some may chemically attack the nylon package.
Maximum exposure should not exceed two minutes at elevated
temperatures. Acceptable solvents are TF (trichorotrifluorethane),
TA, 111 Trichloroethane, and unheated acetone.
(1)
Note:
1)
Acceptable commercial solvents are: Basic TF, Arklone, P.
Genesolv, D. Genesolv DA, Blaco-Tron TF and Blaco-Tron TA.
Unacceptable solvents contain alcohol, methanol, methylene
chloride, ethanol, TP35, TCM, TMC, TMS+, TE, or TES. Since
many commercial mixtures exist, contact a solvent vendor for
chemical composition information. Some major solvent manu-
facturers are: Allied Chemical Corporation, Specialty Chemical
Division, Morristown, NJ; Baron-Blakeslee, Chicago, IL; Dow
Chemical, Midland, MI; E.I. DuPont de Nemours & Co., Wilm-
ington, DE.
For further information refer to Appnotes 18 and 19 at
www.osram-os.com
An alternative to soldering and cleaning the display modules is to
use sockets. Naturally, 28 pin DIP sockets .600" wide with .100"
centers work well for single displays. Multiple display assemblies
are best handled by longer SIP sockets or DIP sockets when avail-
able for uniform package alignment. Socket manufacturers are
Aries Electronics, Inc., Frenchtown, NJ; Garry Manufacturing, New
Brunswick, NJ; Robinson-Nugent, New Albany, IN; and Samtec
Electronic Hardward, New Albany, IN.
For further information refer to Appnote 22 at www.osram-os.com
Displaying User Defined Character Example
Load character “A” into UDC-5 and then display it in digit 2
Logic levels: 0=Low, 1=High, X=Don‘t care
RST
CE
WR
RD
FL
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Operation
Display
0
X
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
Reset. No Read/Write
Within 3 Clock Cycles
All Blank
1
0
0
1
1
0
0
X
X
X
X
X
X
X
0
1
0
1
Select UDC-5
All Blank
1
0
0
1
1
0
1
0
0
0
X
X
X
0
1
1
1
0
Write into Row 1 of UDC-5
All Blank
1
0
0
1
1
0
1
0
0
1
X
X
X
1
0
0
0
1
Write into Row 2 of UDC-5
All Blank
1
0
0
1
1
0
1
0
1
0
X
X
X
1
0
0
0
1
Write into Row 3 of UDC-5
All Blank
1
0
0
1
1
0
1
0
1
1
X
X
X
1
1
1
1
1
Write into Row 4 of UDC-5
All Blank
1
0
0
1
1
0
1
1
0
0
X
X
X
1
0
0
0
1
Write into Row 5 of UDC-5
All Blank
1
0
0
1
1
0
1
1
0
1
X
X
X
1
0
0
0
1
Write into Row 6 of UDC-5
All Blank
1
0
0
1
1
0
1
1
1
0
X
X
X
1
0
0
0
1
Write into Row 7 of UDC-5
All Blank
1
0
0
1
1
1
1
0
1
0
1
X
X
X
0
1
0
1
Write UDC-5 into Digit 2
(Digit 2) A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com