Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDP2113S Datasheet(PDF) 13 Page - OSRAM GmbH

Part # HSDP2113S
Description  Alphanumeric Intelligent Display Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

HSDP2113S Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button HSDP2113S Datasheet HTML 8Page - OSRAM GmbH HSDP2113S Datasheet HTML 9Page - OSRAM GmbH HSDP2113S Datasheet HTML 10Page - OSRAM GmbH HSDP2113S Datasheet HTML 11Page - OSRAM GmbH HSDP2113S Datasheet HTML 12Page - OSRAM GmbH HSDP2113S Datasheet HTML 13Page - OSRAM GmbH HSDP2113S Datasheet HTML 14Page - OSRAM GmbH HSDP2113S Datasheet HTML 15Page - OSRAM GmbH HSDP2113S Datasheet HTML 16Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
HSDP2110S, HSDP2111S, HSDP2112S, HSDP2113S, HSDP2114S, HSDP2115S
2006-01-23
13
Control Word Data Definition
Clear Function
CE
WR
FL
AL
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Operation
0
0
0
0
1
1
1
1
0
0
X
X
X
X
X
X
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Clear disabled
Clear user RAM, page RAM,
flash RAM and display
X=don’t care
Display Cycle Using Built-in ROM Example
Display message “Showtime.” Digit 0 is leftmost—closest to pin 1.
Logic levels: 0=Low, 1=High, X=Don’t care
RST
CE
WR
RD
FL
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Operation
Display
0
X
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
Reset. No Read/Write
Within 3 Clock Cycles
All Blank
1
0
0
1
1
1
0
X
X
X
0
0
X
0
0
0
1
1
53% Brightness
Selected
All Blank
1
0
0
1
1
1
1
0
0
0
0
1
0
1
0
0
1
1
Write “S” to Digit 0
S
1
0
0
1
1
1
1
0
0
1
0
1
0
0
1
0
0
0
Write “H” to Digit 1
SH
1
0
0
1
1
1
1
0
1
0
0
1
0
0
1
1
1
1
Write “O” to Digit 2
SHO
1
0
0
1
1
1
1
0
1
1
0
1
0
1
0
1
1
1
Write “W” to Digit 3
SHOW
1
0
0
1
1
1
1
1
0
0
0
1
0
1
0
1
0
0
Write “T” to Digit 4
SHOWT
1
0
0
1
1
1
1
1
0
1
0
1
0
0
1
0
0
1
Write “I” to Digit 5
SHOWTI
1
0
0
1
1
1
1
1
1
0
0
1
0
0
1
1
0
1
Write “M” to Digit 6
SHOWTIM
1
0
0
1
1
1
1
1
1
1
0
1
0
0
0
1
0
1
Write “E” to Digit 7
SHOWTIME
Key
C
Clear Function
ST
Self test
BL
Blink function
FL
Flash function
Br
Brightness control
IDCW5161
Function
Blink
Self Test
Function
Brightness Control
D7
D6
D5
D4
D3
D2
D1
D0
D1 D0 Brightness Control
100% Brightness
00
80% Brightness
01
1
53% Brightness
0
1
40% Brightness
1
Disabled
Flash Function
D3
0
Enabled
1
Enabled (overrides Flash Function)
Disabled
Blink Function
D4
1
0
Normal Operation (X = bit ignored)
R
D5
X
Run Self Test, R = Test Result (1 = pass, 0 = fail)
Self Test
Clear Flash RAM & Character RAM (Character RAM = 20 Hex)
Normal Operation
0
1
Clear Function
D7
Clear
Flash
Function
D2
0
0
0
0
27% Brightness
Blank Display
11
1
1
1
0
10
1
0
0
20% Brightness
13% Brightness
0
0
1
D6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com