Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU6046BG-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UU6046BG-S08-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU6046BG-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UU6046BG-S08-R Datasheet HTML 1Page - Unisonic Technologies UU6046BG-S08-R Datasheet HTML 2Page - Unisonic Technologies UU6046BG-S08-R Datasheet HTML 3Page - Unisonic Technologies UU6046BG-S08-R Datasheet HTML 4Page - Unisonic Technologies UU6046BG-S08-R Datasheet HTML 5Page - Unisonic Technologies UU6046BG-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UU6046B
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R106-009.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Operating Voltage, Static, 5 min
VBatt
24
V
Ambient Temperature Range
TA
-40~+125
°C
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-55~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCE
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-8
110
K/W
Junction Ambient
SOP-8
θJA
160
K/W
ELECTRICAL CHARACTERISTICS
(VBatt=13.5V, TAMB=25°C, reference point ground, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R1≥510Ω
6
16
V
t < 5min
24
V
Operating Voltage
VBatt
t < 60min
18
V
5V Supply
V8, V7
Without R1, C1
Pins 7 and 8
4.3
6.0
V
Stabilized Voltage
V7
VBatt=12V, Pin 7
5.5
V
Undervoltage Threshold
VS
Power on Reset
3.0
4.2
V
Supply Current
IS
All Push Buttons Open, Pin8
1.3
2.0
mA
Internal Z-Diode
VZ
I8=10mA, Pin 8
13.5
14
16
V
Relay control output (Pin 2)
I2=200mA
1.2
V
Saturation Voltage
V2
I2=300mA
1.3
V
Leakage Current
Ilkg
V2=14V
2
100
μA
Output Current
I2
300
mA
Output pulse current
Load Dump Pulse
I2
t≤300ms
1.5
A
Internal Z-Diode
VZ
I2=10mA
20
22
24
V
Oscillator input (f = 0.001~40 kHz, see table 1) (Pin 6)
Internal Discharge Resistance
R6
V6=5V
2.0
kΩ
V6L
Lower
0.9
1.1
1.4
V
Switching Voltage
V6H
Upper
3.1
V
Input Current
-I6
V6=0V
1
μA
Switching times
Debounce Time
t3
6
cycles
Delay Time
td
72704
74752
cycles
Inputs ON, OFF, TOGGLE (Pins 3, 4 and 5)
Switching Threshold Voltage
V3,4,5
2.0
V
Internal Z-Diode
VZ
I3, 4, 5=10mA
6.5
7.1
8.0
V
Pull-Down Resistance
R3,4,5
V3,4,5=5V
13
20
50
kΩ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com