Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU6047BG-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UU6047BG-S08-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU6047BG-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UU6047BG-S08-R Datasheet HTML 1Page - Unisonic Technologies UU6047BG-S08-R Datasheet HTML 2Page - Unisonic Technologies UU6047BG-S08-R Datasheet HTML 3Page - Unisonic Technologies UU6047BG-S08-R Datasheet HTML 4Page - Unisonic Technologies UU6047BG-S08-R Datasheet HTML 5Page - Unisonic Technologies UU6047BG-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UU6047B
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R106-011.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
GND
Ground
2
RELAY
Relay control output
3
ON
Switch-on input
4
OFF
Switch-off input
5
TOGGLE
Toggle input
6
OSC
RC oscillator input
7
VSTAB
Stabilized voltage
8
VS
Supply voltage
BLOCK DIAGRAM
5
4
3
2
1
8
7
6
Oscillator
Frequency divider
ON
OFF
TOGGLE
RELAY
GND
VS
Vstab
OSC
Stabilization
Power-on reset
Load-dump
detection
Debouncing
Monoflop
Relay control
output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com