Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD2351 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # ISD2351
Description  Serial Input Alphanumeric Industrial Display
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

ISD2351 Datasheet(HTML) 2 Page - OSRAM GmbH

  ISD2351 Datasheet HTML 1Page - OSRAM GmbH ISD2351 Datasheet HTML 2Page - OSRAM GmbH ISD2351 Datasheet HTML 3Page - OSRAM GmbH ISD2351 Datasheet HTML 4Page - OSRAM GmbH ISD2351 Datasheet HTML 5Page - OSRAM GmbH ISD2351 Datasheet HTML 6Page - OSRAM GmbH ISD2351 Datasheet HTML 7Page - OSRAM GmbH ISD2351 Datasheet HTML 8Page - OSRAM GmbH ISD2351 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2006-04-04
2
ISD201X, ISD231X, ISD235X
Ordering Information
Type
Color of Emission
Character Height
mm (inch)
Ordering Code
ISD2351
ISD2352
ISD2353
yellow
high efficiency red
high efficiency green
5.08
(0.200)
Q68000A8142
Q68000A8143
Q68000A8144
ISD2010
ISD2011
ISD2012
ISD2013
red
yellow
high efficiency red
high efficiency green
3.81
(0.150)
Q68000A8134
Q68000A8135
Q68000A8136
Q68000A8137
ISD2310
ISD2311
ISD2312
ISD2313
red
yellow
high efficiency red
high efficiency green
5.08
(0.200)
Q68000A8138
Q68000A8139
Q68000A8140
Q68000A8141
Maximum Ratings
Parameter
Symbol
Value
Unit
Operating temperature range
1)
Top
-55 to +100
°C
Storage temperature range
Tstg
-65 to +125
°C
Supply voltage V
CC to GND
VCC
-0.5 to 7.0
V
Inputs, data out and V
B
-0.5 to V
CC +0.5
V
Column input voltage
V
COL
-0.5 to 6.0
V
Solder temperature
1.59 mm (0.063“) below seating plane, t < 5.0 s
T
s
260
°C
Allowable power dissipation, T
A=25°C
2)
ISD2010
ISD2011 / ISD2012 / ISD2013
ISD231X
ISD235X
P
tot
Ptot
Ptot
P
tot
0.91
0.86
1.10
1.35
W
W
W
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com