Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD2010 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # ISD2010
Description  Serial Input Alphanumeric Industrial Display
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

ISD2010 Datasheet(HTML) 3 Page - OSRAM GmbH

  ISD2010 Datasheet HTML 1Page - OSRAM GmbH ISD2010 Datasheet HTML 2Page - OSRAM GmbH ISD2010 Datasheet HTML 3Page - OSRAM GmbH ISD2010 Datasheet HTML 4Page - OSRAM GmbH ISD2010 Datasheet HTML 5Page - OSRAM GmbH ISD2010 Datasheet HTML 6Page - OSRAM GmbH ISD2010 Datasheet HTML 7Page - OSRAM GmbH ISD2010 Datasheet HTML 8Page - OSRAM GmbH ISD2010 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ISD201X, ISD231X, ISD235X
2006-04-04
3
Timing Characteristics
4)
AC Electrical Characteristics
(V
CC= 4.75 to 5.25 V, TA= –55°C to 100°C)
Symbol
Description
Min.
Typ.
Max.
5)
Units
T
SETUP
Setup Time
50
10
—
ns
T
HOLD
Hold Time
25
20
—
ns
T
WL
Clock Width Low
75
45
—
ns
T
WH
Clock Width High 75
45
—
ns
F
(CLK)
Clock
Frequency
—
—
5
MHz
T
THL
T
TLH
Clock
Transition Time
—
75
200
ns
T
PHL
T
PLH
Propagation
Delay Clock to
Data Out
—
50
125
ns
TWL
l/fCLOCK
TPLH, TPHL
TTHL
CLOCK
DATA IN
DATA OUT
THOLD
TSETUP
TWH
TON
TOFF
2.4 V
0.4 V
2.0 V
0.8 V
2.0 V
0.8 V
2.0 V
0.8 V
VIH
VIL
VIH
VIL
VIH
VIL
VB
VOH
VOL
DISPLAY
ON (illuminated)
OFF (not illuminated)
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com