Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD2011 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # ISD2011
Description  Serial Input Alphanumeric Industrial Display
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

ISD2011 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button ISD2011 Datasheet HTML 3Page - OSRAM GmbH ISD2011 Datasheet HTML 4Page - OSRAM GmbH ISD2011 Datasheet HTML 5Page - OSRAM GmbH ISD2011 Datasheet HTML 6Page - OSRAM GmbH ISD2011 Datasheet HTML 7Page - OSRAM GmbH ISD2011 Datasheet HTML 8Page - OSRAM GmbH ISD2011 Datasheet HTML 9Page - OSRAM GmbH ISD2011 Datasheet HTML 10Page - OSRAM GmbH ISD2011 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ISD201X, ISD231X, ISD235X
2006-04-04
7
Optical Characteristics
Red ISD2010 / ISD2310
Description
Symbol
Min.
Typ.
9)
Units
Test Conditions
Peak Luminous Intensity per LED
6) 7)
(Character Average)
ISD2010
I
Vpeak
105
200
µcd
V
CC=5.0 V,
V
COL=3.5 V,
T
J=25°C
10),
V
B=2.4 V
ISD2310
220
370
Peak Wavelength
λ
Vpeak
—
660
nm
—
Dominant Wavelength
8)
λ
dom
—
639
nm
—
Yellow ISD2011 / ISD2311 / ISD2351
Description
Symbol
Min.
Typ.
9)
Units
Test Conditions
Peak Luminous Intensity per LED
6) 7)
(Character Average)
ISD2011
IVpeak
400
750
µcd
V
CC=5.0 V,
V
COL=3.5 V,
T
J=25°C
10),
V
B=2.4 V
ISD2311
650
1140
ISD2351
2400
3400
Peak Wavelength
λ
Vpeak
—
583
nm
—
Dominant Wavelength
8)
λ
dom
—
585
nm
—
High Efficiency Red ISD2012 / ISD2312 / ISD2352
Description
Symbol
Min.
Typ.
9)
Units
Test Conditions
Peak Luminous Intensity per LED
6) 7)
(Character Average)
ISD2012
IVpeak
400
1430
µcd
V
CC=5.0 V,
V
COL=3.5 V,
T
J=25°C
10),
V
B=2.4 V
ISD2312
650
1430
ISD2352
853
2500
Peak Wavelength
λ
Vpeak
—
630
nm
—
Dominant Wavelength
8)
λ
dom
—
626
nm
—
High Efficiency Green ISD2013 / ISD2313 / ISD2353
Description
Symbol
Min.
Typ.
9)
Units
Test Conditions
Peak Luminous Intensity per LED
6) 7)
(Character Average)
ISD2013
IVpeak
850
1550
µcd
V
CC=5.0 V,
V
COL=3.5 V,
T
J=25°C
10),
V
B=2.4 V
ISD2313
1280
2410
ISD2353
2400
3000
Peak Wavelength
λ
Vpeak
—
568
nm
—
Dominant Wavelength
8)
λ
dom
—
574
nm
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com