Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4873MT Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4873MT
Description  Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4873MT Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4873MT Datasheet HTML 1Page - National Semiconductor (TI) LM4873MT Datasheet HTML 2Page - National Semiconductor (TI) LM4873MT Datasheet HTML 3Page - National Semiconductor (TI) LM4873MT Datasheet HTML 4Page - National Semiconductor (TI) LM4873MT Datasheet HTML 5Page - National Semiconductor (TI) LM4873MT Datasheet HTML 6Page - National Semiconductor (TI) LM4873MT Datasheet HTML 7Page - National Semiconductor (TI) LM4873MT Datasheet HTML 8Page - National Semiconductor (TI) LM4873MT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM4873
Dual 2.1W Audio Amplifier Plus Stereo Headphone
Function
General Description
The LM4873 is a dual bridge-connected audio power ampli-
fier which, when connected to a 5V supply, will deliver 2.1W
toa4
Ω load (Note 1) or 2.4W to a 3Ω load (Note 2)with less
than 1.0% THD+N. In addition, the headphone input pin al-
lows the amplifiers to operate in single-ended mode to drive
stereo headphones. A Mux Control pin toggles between the
two stereo sets of amplifier inputs, allowing for two select-
able amplifier closed-loop responses.
Boomer audio power amplifiers were designed specifically to
provide high quality output power from a surface mount
package while requiring few external components. To sim-
plify audio system design, the LM4873 combines dual bridge
speaker amplifiers and stereo headphone amplifiers on one
chip.
The LM4873 features an externally controlled, low-power
consumption shutdown mode, a stereo headphone amplifier
mode, and thermal shutdown protection. It also utilizes cir-
cuitry to reduce “clicks and pops” during device turn-on.
Note 1: An LM4873MTE-1 which has been properly mounted to the circuit
board will deliver 2.1W into 4
Ω. The other package options for the LM4873
will deliver 1.1W into 8
Ω. See the Application Information section for
LM4873MTE-1 usage information.
Note 2: An LM4873MTE-1 which has been properly mounted to the circuit
board and forced-air cooled will deliver 2.4W into 3
Ω.
Key Specifications
n
P
O at 1% THD+N
into 3
Ω (LM4873MTE-1)
2.4W(typ)
into 4
Ω (LM4873MTE-1)
2.1W(typ)
into 4
Ω (LM4873MTE)
1.9W(typ)
into 8
Ω (LM4873)
1.1W(typ)
n
Single-ended mode - THD+N
at 75mW into 32
Ω
0.5%(max)
n
Shutdown current
0.7µA(typ)
Features
n
Input mux control and two separate inputs per channel
n
Stereo headphone amplifier mode
n
“Click and pop” suppression circuitry
n
Thermal shutdown protection circuitry
n
Exposed-DAP TSSOP and TSSOP packaging available
Applications
n
Multimedia monitors
n
Portable and desktop computers
n
Portable audio systems
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
DS100993-31
* Refer to the section Proper Selection of External Components, for a detailed discussion of CB size.
FIGURE 1. Typical Audio Amplifier Application Circuit
April 2000
© 2000 National Semiconductor Corporation
DS100993
www.national.com


Similar Part No. - LM4873MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4873MTE/NOPB TI1-LM4873MTE/NOPB Datasheet
1Mb / 30P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4873MTEX/NOPB TI1-LM4873MTEX/NOPB Datasheet
1Mb / 30P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
More results

Similar Description - LM4873MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
Dual 2.1W Audio Amplifier Plus Stereo Headphone
LM4888 NSC-LM4888 Datasheet
1Mb / 22P
Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4888 NSC-LM4888_06 Datasheet
1Mb / 23P
Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867 UTC-PA4867_15 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com