Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS031S Datasheet(PDF) 5 Page - International Rectifier

Part # IPS031S
Description  FULLY PROTECTED POWER MOSFET SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS031S Datasheet(HTML) 5 Page - International Rectifier

  IPS031S Datasheet HTML 1Page - International Rectifier IPS031S Datasheet HTML 2Page - International Rectifier IPS031S Datasheet HTML 3Page - International Rectifier IPS031S Datasheet HTML 4Page - International Rectifier IPS031S Datasheet HTML 5Page - International Rectifier IPS031S Datasheet HTML 6Page - International Rectifier IPS031S Datasheet HTML 7Page - International Rectifier IPS031S Datasheet HTML 8Page - International Rectifier IPS031S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IPS031(S)
www.irf.com
5
14 V
IN
D
S
5 v
0 v
L
R
+
-
Vds
Ids
Vin
V load
Rem :
V load is negative
during demagnetization
Figure 4 - Active clamp test circuit
Ids
Vds
Vin
T clamp
Vds clamp
( Vcc )
( see Appl . Notes to evaluate power dissipation )
Figure 3 - Active clamp waveforms
Figure 1 - Timing diagram
Tr-in
10 %
90 %
90 %
10 %
Td on
Td off
tf
tr
Ids
Tr-in
Vin
Vds
Figure 2 - IN rise time & switching time definitions
Tsd
(165 °c)
Vin
Ids
Isd
I shutdown
T
T shutdown
t < T reset
t > T reset
5 V
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com