Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KT101W Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KT101W
Description  4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KT101W Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KT101W_16 Datasheet HTML 1Page - COSMO  Electronics Corporation KT101W_16 Datasheet HTML 2Page - COSMO  Electronics Corporation KT101W_16 Datasheet HTML 3Page - COSMO  Electronics Corporation KT101W_16 Datasheet HTML 4Page - COSMO  Electronics Corporation KT101W_16 Datasheet HTML 5Page - COSMO  Electronics Corporation KT101W_16 Datasheet HTML 6Page - COSMO  Electronics Corporation KT101W_16 Datasheet HTML 7Page - COSMO  Electronics Corporation KT101W_16 Datasheet HTML 8Page - COSMO  Electronics Corporation KT101W_16 Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P00009.3
- 2 -
http://www.cosmo-ic.com
cosmo
KT101W Series
4PIN LSOP LOW INPUT CURRENT
PHOTOCOUPLER
Outside Dimension
Unit : mm
TOLERANCE : ±0.2mm
Device Marking
Notes:
cosmo
101W□
□: CTR rank
YWW
Y: Year code / WW: Week code
cosmo
101W
YWW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com