Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4113 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH4113
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4113 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH4113 Datasheet HTML 1Page - OSRAM GmbH SFH4113 Datasheet HTML 2Page - OSRAM GmbH SFH4113 Datasheet HTML 3Page - OSRAM GmbH SFH4113 Datasheet HTML 4Page - OSRAM GmbH SFH4113 Datasheet HTML 5Page - OSRAM GmbH SFH4113 Datasheet HTML 6Page - OSRAM GmbH SFH4113 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFH 4113
2007-04-03
3
Durchlaßspannung,
Forward voltage
I
F = 20 mA, tp = 20 ms
V
F
1.25 (
≤ 1.6)
V
Sperrstrom,
Reverse current
V
R = 5V
I
R
0.01 (
≤ 1.0)
μA
Gesamtstrahlungsfluß,
Total radiant flux
I
F = 20 mA, tp = 20 ms
Φ
e
3.5
mW
Temperaturkoeffizient von I
e bzw. Φe,
I
F = 20 mA
Temperature coefficient of I
e or Φe,
I
F = 20 mA
TC
I
– 1.1
%/K
Temperaturkoeffizient von
V
F, IF = 20 mA
Temperature coefficient of
V
F, IF = 20 mA
TC
V
– 1.3
mV/K
Temperaturkoeffizient von
λ, I
F = 20 mA
Temperature coefficient of
λ, I
F = 20 mA
TCλ
+ 0.3
nm/K
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Bestrahlungsstärke
1)
Irradiance
1)
d2) = 6mm, I
F = 4mA, tp = 20 ms
1)
Auf einem Detektor erzeugte Bestrahlungsstärke.
Irradiance generated on a detector.
2)
Entfernung zwischen Vorderseite Beinchen und Detektorebene.
Distance between leadframe front side and detection area.
Ee
1)
0.25 ... 1.25
mW/cm²
Kennwerte (
T
A = 25 °C)
Characteristics (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com