Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4232A Datasheet(PDF) 12 Page - OSRAM GmbH

Part # SFH4232A
Description  High Power Infrared Emitter (850 nm)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4232A Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button SFH4232A Datasheet HTML 4Page - OSRAM GmbH SFH4232A Datasheet HTML 5Page - OSRAM GmbH SFH4232A Datasheet HTML 6Page - OSRAM GmbH SFH4232A Datasheet HTML 7Page - OSRAM GmbH SFH4232A Datasheet HTML 8Page - OSRAM GmbH SFH4232A Datasheet HTML 9Page - OSRAM GmbH SFH4232A Datasheet HTML 10Page - OSRAM GmbH SFH4232A Datasheet HTML 11Page - OSRAM GmbH SFH4232A Datasheet HTML 12Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Version 1.4 acc. to OS-PCN-2013-003-A1
SFH 4232A
2014-01-08
12
Published by OSRAM Opto Semiconductors GmbH
Leibnizstraße 4, D-93055 Regensburg
www.osram-os.com © All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com