Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4356P Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH4356P
Description  Infrared Emitter (850 nm)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4356P Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH4356P Datasheet HTML 1Page - OSRAM GmbH SFH4356P Datasheet HTML 2Page - OSRAM GmbH SFH4356P Datasheet HTML 3Page - OSRAM GmbH SFH4356P Datasheet HTML 4Page - OSRAM GmbH SFH4356P Datasheet HTML 5Page - OSRAM GmbH SFH4356P Datasheet HTML 6Page - OSRAM GmbH SFH4356P Datasheet HTML 7Page - OSRAM GmbH SFH4356P Datasheet HTML 8Page - OSRAM GmbH SFH4356P Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2014-12-04
2
Version 1.0
SFH 4356P
Ordering Information
Bestellinformation
Maximum Ratings (T
A = 25 °C)
Grenzwerte
Type:
Radiant Intensity
Ordering Code
Typ:
Strahlstärke
Bestellnummer
I
F= 100 mA, tp= 20 ms
I
e [mW/sr]
SFH 4356P
12 (≥ 6.3)
Q65111A6135
Note:
Measured at a solid angle of Ω = 0.01 sr
Anm.:
Gemessen bei einem Raumwinkel Ω = 0.01 sr
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operation and storage temperature range
Betriebs- und Lagertemperatur
T
op; Tstg
-40 ... 100
°C
Reverse voltage
Sperrspannung
V
R
5
V
Forward current
Durchlassstrom
I
F
100
mA
Surge current
Stoßstrom
(t
p ≤ 200 µs, D = 0)
I
FSM
1
A
Total power dissipation
Verlustleistung
P
tot
200
mW
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
V
ESD
2
kV
Thermal resistance junction - ambient
1) page 11
Wärmewiderstand Sperrschicht - Umgebung
1) Seite 11
R
thJA
350
K / W
Thermal resistance junction - soldering point
Wämewiderstand Sperrschicht - Lötstelle
R
thJS
150
K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com