Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS54511 Datasheet(PDF) 6 Page - International Rectifier

Part # IPS54511
Description  FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS54511 Datasheet(HTML) 6 Page - International Rectifier

Back Button IPS54511 Datasheet HTML 2Page - International Rectifier IPS54511 Datasheet HTML 3Page - International Rectifier IPS54511 Datasheet HTML 4Page - International Rectifier IPS54511 Datasheet HTML 5Page - International Rectifier IPS54511 Datasheet HTML 6Page - International Rectifier IPS54511 Datasheet HTML 7Page - International Rectifier IPS54511 Datasheet HTML 8Page - International Rectifier IPS54511 Datasheet HTML 9Page - International Rectifier IPS54511 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IPS5451/IPS5451S
6
WWW.IRF.COM
Figure 4 - Switching times definition (turn-off)
Figure 6 - Icc (mA) Vs Vcc (V)
Figure 5 - Active clamp test circuit
Vin
Vout
90%
10%
Td off
Tf
dV/dt off
Rem :
V load is negative during demagnetization
14 V
IN
5 v
0 v
+
-
Vout
Iout
Vin
L
R
Gnd
Dg Vcc
Out
1,00E-06
1,00E-05
1,00E-04
1,00E-03
1,00E-02
0
5
10
15
20
25
30
35
Vin = 5 V
Vin = 0 V (sleep mode)
Figure 3 - Switching times definition (turn-on)
Turn on energy with a resistive or an
inductive load
Vin
Vout
Vcc - 5V
90%
Vcc
10%
Td on
Tr 1
Tr 2
dV/dt on
Iout1
Iout2
Eon2
Resistive load
Inductive load
Eon1
E1(t)
E2 (t)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com