Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4641 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH4641
Description  Narrow beam LED in MIDLED package (940 nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4641 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH4641 Datasheet HTML 1Page - OSRAM GmbH SFH4641 Datasheet HTML 2Page - OSRAM GmbH SFH4641 Datasheet HTML 3Page - OSRAM GmbH SFH4641 Datasheet HTML 4Page - OSRAM GmbH SFH4641 Datasheet HTML 5Page - OSRAM GmbH SFH4641 Datasheet HTML 6Page - OSRAM GmbH SFH4641 Datasheet HTML 7Page - OSRAM GmbH SFH4641 Datasheet HTML 8Page - OSRAM GmbH SFH4641 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2015-11-23
4
Version 1.4
SFH 4641
Relative Spectral Emission 3) page 12
Irel = f(λ), TA = 25°C
Radiant Intensity 3) page 12
Ie / Ie(70 mA) = f(IF), single pulse, tp = 25 µs,
TA= 25°C
Max. Permissible Forward Current
IF, max = f(TA), RthJA = 380 K/W
Forward Current 3) page 12
IF = f(VF), single pulse, tp = 100 µs, TA= 25°C
800
0
nm
%
OHF04134
20
40
60
80
100
Irel
λ
850
900
950
1025
OHF03827
10
-2
mA
I
F
0
10
1
10
2
10
3
10
5
5
1
10
5
-1
10
5
0
10
I (70 mA)
e
I
e
0
0
˚C
T
IF
mA
OHF04057
A
20
40
60
80
100
120
10
20
30
40
50
60
70
80
OHF03828
F
I
10
-4
0.5
1
1.5
2
2.5 V 3
10
0
A
0
F
V
-1
10
5
5
10
-2
-3
5
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com