Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4656 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4656
Description  Narrow beam LED in MIDLED package (850 nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4656 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4656 Datasheet HTML 1Page - OSRAM GmbH SFH4656 Datasheet HTML 2Page - OSRAM GmbH SFH4656 Datasheet HTML 3Page - OSRAM GmbH SFH4656 Datasheet HTML 4Page - OSRAM GmbH SFH4656 Datasheet HTML 5Page - OSRAM GmbH SFH4656 Datasheet HTML 6Page - OSRAM GmbH SFH4656 Datasheet HTML 7Page - OSRAM GmbH SFH4656 Datasheet HTML 8Page - OSRAM GmbH SFH4656 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2015-11-23
1
2015-11-23
Narrow beam LED in MIDLED package (850 nm)
Version 1.5
SFH 4656
Ordering Information
Features:
High Power Infrared LED (40 mW)
Short switching times
Narrow halfangle (± 10°)
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
Taping as Sidelooker
Also available as Toplooker (SFH4651)
Applications
Infrared Illumination for cameras
IR data transmission
Remote control
Automotive sensors
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
I
e [mW/sr]
I
F = 70 mA, tp = 20 ms
SFH 4656
60 (≥ 25)
Q65110A8395
Note:
Measured at a solid angle of Ω = 0.01 sr


Similar Part No. - SFH4656

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4650 OSRAM-SFH4650 Datasheet
141Kb / 8P
Engwinklige LED in MIDLED-Gehause
SFH4650 OSRAM-SFH4650 Datasheet
275Kb / 14P
Emitters and Detectors for Infrared (IR) Touchscreens
SFH4650 OSRAM-SFH4650 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH4650-UV OSRAM-SFH4650-UV Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH4650EN OSRAM-SFH4650EN Datasheet
481Kb / 13P
High Power Infrared LED (60 mW)
More results

Similar Description - SFH4656

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4441 OSRAM-SFH4441 Datasheet
729Kb / 14P
Narrow beam LED in Mini MIDLED package (940 nm)
SFH4451 OSRAM-SFH4451 Datasheet
727Kb / 13P
Narrow beam LED in Mini MIDLED package (850 nm)
SFH4641 OSRAM-SFH4641 Datasheet
452Kb / 13P
Narrow beam LED in MIDLED package (940 nm)
SFH4646 OSRAM-SFH4646 Datasheet
443Kb / 13P
Narrow beam LED in MIDLED package (940 nm)
SFH4647 OSRAM-SFH4647 Datasheet
395Kb / 13P
Narrow beam LED in MIDLED package (940 nm)
SFH4651 OSRAM-SFH4651 Datasheet
451Kb / 13P
Narrow beam LED in MIDLED package
SFH4650 OSRAM-SFH4650_18 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH-4640 OSRAM-SFH-4640 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH-4646 OSRAM-SFH-4646 Datasheet
444Kb / 13P
Narrow beam LED in MIDLED package
SFH-4656 OSRAM-SFH-4656 Datasheet
444Kb / 13P
Narrow beam LED in MIDLED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com