Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4876M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4876M
Description  1.1W Audio Power Amplifier with Shutdown Logic Low
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4876M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4876M Datasheet HTML 1Page - National Semiconductor (TI) LM4876M Datasheet HTML 2Page - National Semiconductor (TI) LM4876M Datasheet HTML 3Page - National Semiconductor (TI) LM4876M Datasheet HTML 4Page - National Semiconductor (TI) LM4876M Datasheet HTML 5Page - National Semiconductor (TI) LM4876M Datasheet HTML 6Page - National Semiconductor (TI) LM4876M Datasheet HTML 7Page - National Semiconductor (TI) LM4876M Datasheet HTML 8Page - National Semiconductor (TI) LM4876M Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM4876
1.1W Audio Power Amplifier with Shutdown Logic Low
General Description
The LM4876 is a bridge-connected audio power amplifier ca-
pable of delivering typically 1.1W of continuous average
power to an 8
Ω load with 0.5% (THD) from a 5V power sup-
ply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. Since the LM4876 does not require
output coupling capacitors, bootstrap capacitors, or snubber
networks, it is optionally suited for low-power portable sys-
tems.
The LM4876 features an externally controlled, low-power
consumption shutdown mode, which is achieved by driving
pin 1 with logic low. Additionally, the LM4876 features an in-
ternal thermal shutdown protection mechanism.
The LM4876 is unity-gain stable and can be configured by
external gain-setting resistors.
Key Specifications
n
THD at 1 kHz at 1W continuous
average output power into 8
Ω
0.5% (max)
n
Output power at 10% THD+N
at 1 kHz into 8
Ω
1.5W (typ)
n
Shutdown Current
0.01 µA (typ)
Features
n
No output coupling capacitors, bootstrap capacitors, or
snubber circuits are necessary
n
Small Outline packaging
n
Unity-gain stable
n
External gain configuration capability
n
Pin compatible with LM4861 and LM4871
Applications
n
Mobile Phones
n
Portable Computers
n
Desktop Computers
n
Low Voltage Audio Systems
Typical Application
Connection Diagram
Boomer® is a registered trademark of National Semiconductor Corporation.
DS101299-1
FIGURE 1. Typical Audio Amplifier Application Circuit
Small Outline Package
DS101299-2
Top View
Order Number LM4876M
See NS Package Number M08A
February 2000
© 2000 National Semiconductor Corporation
DS101299
www.national.com


Similar Part No. - LM4876M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4876M TI-LM4876M Datasheet
985Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low
LM4876M TI-LM4876M Datasheet
985Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low
LM4876M TI1-LM4876M Datasheet
1,011Kb / 19P
1.1W Audio Power Amplifier with Logic Low Shutdown
LM4876M-NOPB TI-LM4876M-NOPB Datasheet
1,011Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low Shutdown
LM4876M/NOPB TI1-LM4876M/NOPB Datasheet
1,011Kb / 19P
1.1W Audio Power Amplifier with Logic Low Shutdown
More results

Similar Description - LM4876M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4861 NSC-LM4861 Datasheet
218Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
1.1W Audio Power Amplifier with Shutdown Mode
LM4876 NSC-LM4876_03 Datasheet
320Kb / 12P
1.1W Audio Power Amplifier with Logic Low Shutdown
logo
Unisonic Technologies
PA4871 UTC-PA4871 Datasheet
231Kb / 6P
1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4876MM TI-LM4876MM Datasheet
1,011Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low Shutdown
LM4861MX TI-LM4861MX Datasheet
892Kb / 20P
1.1W Audio Power Amplifier with Shutdown Mode
LM4876M TI1-LM4876M Datasheet
1,011Kb / 19P
1.1W Audio Power Amplifier with Logic Low Shutdown
logo
Integrated Silicon Solu...
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com