Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4877 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4877
Description  1 Watt Audio Power Amplifier in micro SMD package with Shutdown Logic Low
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4877 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4877 Datasheet HTML 1Page - National Semiconductor (TI) LM4877 Datasheet HTML 2Page - National Semiconductor (TI) LM4877 Datasheet HTML 3Page - National Semiconductor (TI) LM4877 Datasheet HTML 4Page - National Semiconductor (TI) LM4877 Datasheet HTML 5Page - National Semiconductor (TI) LM4877 Datasheet HTML 6Page - National Semiconductor (TI) LM4877 Datasheet HTML 7Page - National Semiconductor (TI) LM4877 Datasheet HTML 8Page - National Semiconductor (TI) LM4877 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Electrical Characteristics V
DD = 2.6V (Notes 1, 2, 8, 9)
The following specifications apply for V
DD = 2.6V and 8Ω Load unless otherwise specified. Limits apply for TA =
25˚C. (Continued)
Symbol
Parameter
Conditions
LM4877
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
I
SD
Shutdown Current
V
PIN5 = 0V
0.01
µA (max)
V
OS
Output Offset Voltage
V
IN = 0V
5
mV (max)
P
0
Output Power ( 8
Ω )
Output Power ( 4
Ω )
THD = 0.3% (max);f=1kHz
THD = 0.5% (max);f=1kHz
0.25
0.5
W
W
THD+N
Total Harmonic Distortion+Noise
P
o = 0.25 Wrms; AVD =2;20Hz ≤
f
≤ 20 kHz
0.25
%
PSRR
Power Supply Rejection Ratio
V
DD = 2.5V to 2.7V
65
dB
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits.
Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guar-
antee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is
given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4877, TJMAX = 150˚C. The
typical junction-to-ambient thermal resistance is 150˚C/W.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Machine Model, 220 pF–240 pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Low Voltage Circuit - See Fig. 4
Note 9: Shutdown current is measured in a Normal Room Environment. Exposure to direct sunlight will increase ISD by a maximum of 2µA.
Electrical Characteristics V
DD = 5/3.3/2.6V Shutdown Input
Symbol
Parameter
Conditions
LM4877
Units
(Limits)
Typical
Limit
V
IH
Shutdown Input Voltage High
1.2
V(min)
V
IL
Shutdown Input Voltage Low
0.4
V(max)
External Components Description (Figure 1)
Components
Functional Description
1.
R
i
Inverting input resistance which sets the closed-loop gain in conjunction with R
f. This resistor also forms a
high pass filter with C
i at fC= 1/(2π RiCi).
2.
C
i
Input coupling capacitor which blocks the DC voltage at the amplifiers input terminals. Also creates a
highpass filter with R
i at fc = 1/(2π RiCi). Refer to the section, Proper Selection of External Components,
for an explanation of how to determine the value of C
i.
3.
R
f
Feedback resistance which sets the closed-loop gain in conjunction with R
i.
4.
C
S
Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply Bypassing
section for information concerning proper placement and selection of the supply bypass capacitor.
5.
C
B
Bypass pin capacitor which provides half-supply filtering. Refer to the section, Proper Selection of External
Components, for information concerning proper placement and selection of C
B.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com