Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS5451S Datasheet(PDF) 8 Page - International Rectifier

Part # IPS5451S
Description  FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS5451S Datasheet(HTML) 8 Page - International Rectifier

Back Button IPS5451S Datasheet HTML 4Page - International Rectifier IPS5451S Datasheet HTML 5Page - International Rectifier IPS5451S Datasheet HTML 6Page - International Rectifier IPS5451S Datasheet HTML 7Page - International Rectifier IPS5451S Datasheet HTML 8Page - International Rectifier IPS5451S Datasheet HTML 9Page - International Rectifier IPS5451S Datasheet HTML 10Page - International Rectifier IPS5451S Datasheet HTML 11Page - International Rectifier IPS5451S Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IPS5451/IPS5451S
8
WWW.IRF.COM
0
5
10
15
20
25
0
5
10
15
20
25
Figure 11 - Rdson (m
Ω) vs Iout (A)
Figure 12 - Isd (A) vs Time (S)
10
100
1000
0
5
10
15
20
25
30
-50
0
50
100
150
200
rth = 5°C/W
rth = 15°C/W
rth = 30°C/W
T0220 free air 60°C/W
Figure 13 - Isd (A) vs Tj (°C)
Figure 14 - Max. Cont. Ids ( A ) Vs
Amb. Temperature ( °C)
Current path capacity
should be above this curve
Load characteristic should
be below this curve
Tj=25
oC Free air/
std footprint
0
10
20
30
40
50
-50
-25
0
255075
100 125 150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com