Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4726S Datasheet(PDF) 11 Page - OSRAM GmbH

Part # SFH4726S
Description  OSLON Black Series (940 nm) - 150
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4726S Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button SFH4726S Datasheet HTML 7Page - OSRAM GmbH SFH4726S Datasheet HTML 8Page - OSRAM GmbH SFH4726S Datasheet HTML 9Page - OSRAM GmbH SFH4726S Datasheet HTML 10Page - OSRAM GmbH SFH4726S Datasheet HTML 11Page - OSRAM GmbH SFH4726S Datasheet HTML 12Page - OSRAM GmbH SFH4726S Datasheet HTML 13Page - OSRAM GmbH SFH4726S Datasheet HTML 14Page - OSRAM GmbH SFH4726S Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Version 1.1
SFH 4726S
2014-08-06
11
Reflow Soldering Profile
Reflow-Lötprofil
Preconditioning: JEDEC Level 2 acc. to JEDEC J-STD-020D.01
0
0
s
OHA04525
50
100
150
200
250
300
50
100
150
200
250
300
t
T
˚C
S
t
t
P
t
T
p
240 ˚C
217 ˚C
245 ˚C
25 ˚C
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com