Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2167 Datasheet(PDF) 21 Page - International Rectifier

Part # IR2167
Description  PFC BALLAST CONTROL IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2167 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR2167 Datasheet HTML 17Page - International Rectifier IR2167 Datasheet HTML 18Page - International Rectifier IR2167 Datasheet HTML 19Page - International Rectifier IR2167 Datasheet HTML 20Page - International Rectifier IR2167 Datasheet HTML 21Page - International Rectifier IR2167 Datasheet HTML 22Page - International Rectifier IR2167 Datasheet HTML 23Page - International Rectifier IR2167 Datasheet HTML 24Page - International Rectifier IR2167 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
IR2167(S)
www.irf.com
21
Lamp Protection & Automatic Restart Circuitry Operation
from oscillator
section
+V
BUS
from lower
lamp cathode
R
CS
R3
R4
R5
R2
C1
R1
Q2
R
OC
C2
V
CC
OVER-
TEMP
DETECT
2
4.0V
5.1V
9.5V
3.0V
5.1V
1
1.0uA
7
CPH
DT
VDC
Q
T
RQ
13
SD
14
0.2V
CS
Q
S
RQ
QD
R
Q
CLK
Q
S
R
Q
UNDER-
VOLTAGE
DETECT
5.1V
8
50uA
7.6V
7.6V
7.6V
OC
3V
1V
FAULT
COUNTER
QUICK
RESTART
LOGIC
C
OC
2V
1meg
C4
from upper
lamp cathode
R7
R6
C3
Figure 12: Lamp Protection & Automatic Restart circuitry block diagram with external component connection
Sensing the AC Line Voltage
The first of these protection pins senses the voltage on the
AC line by means of an external resistor divider (R1, R2 and
capacitor C1) and an internal comparator with hysterisis.
When power is first supplied to the IC at system startup,
three conditions are required before oscillation is initiated:
1.) the voltage on the VCC pin must exceed the rising
undervoltage lockout threshold (11.5V), 2.) the voltage at
the VDC pin must exceed 5.1V, and 3.) the voltage on the
SD pin must be below approximately 4.85V. If a low ac line
condition occurs during normal operation, or if power to the
ballast is shut off, the ac line will collapse prior to the VCC of
the chip (assuming theVCC is derived from a charge pump
off of the output of the half-bridge). In this case, the voltage
on the VDC pin will shut the oscillator off, thereby protecting
the power transistors from potentially hazardous hard switch-
ing. Approximately 2V of hysterisis has been designed into
the internal comparator sensing the VDC pin, in order to
account for variations in the ac line voltage under varying
load conditions. When the ac line recovers, the chip re-
starts from the beginning of the control sequence, as shown
in timing diagram (See Figure 13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com