Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4949 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH4949
Description  Infrared Emitter Arrays (940 nm)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4949 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SFH4949 Datasheet HTML 4Page - OSRAM GmbH SFH4949 Datasheet HTML 5Page - OSRAM GmbH SFH4949 Datasheet HTML 6Page - OSRAM GmbH SFH4949 Datasheet HTML 7Page - OSRAM GmbH SFH4949 Datasheet HTML 8Page - OSRAM GmbH SFH4949 Datasheet HTML 9Page - OSRAM GmbH SFH4949 Datasheet HTML 10Page - OSRAM GmbH SFH4949 Datasheet HTML 11Page - OSRAM GmbH SFH4949 Datasheet HTML 12Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2015-01-16
8
Version 1.0
SFH 4942/ 4943/ 4944/ 4945/ 4946/ 4947/ 4948/ 4949/ 4940
Type:
IRED per Row
Dimension "B"
Typ:
IRED pro Zeile
Maß "B"
SFH 4942
2
4.5 ... 4.9
SFH 4943
3
7.0 ... 7.4
SFH 4944
4
9.6 ... 10.0
SFH 4945
5
12.1 ... 12.5
SFH 4946
6
14.6 ... 16.0
SFH 4947
7
17.2 ... 17.6
SFH 4948
8
19.7 ... 20.1
SFH 4949
9
22.3 ... 22.7
SFH 4940
10
24.8 ... 25.2
Package
Miniature Array, solder tabs lead spacing 2.54
mm (1/10"), cathode marking flag, Epoxy, black
Gehäuse
Miniatur Array, Anschlüsse im 2.54 mm-Raster
(1/10"), Kathodenkennzeichnung „Fahne" am
Gehäuse, Harz, schwarz
Recommended Solder Pad
Empfohlenes Lötpaddesign
Dimensions in mm. / Maße in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com