Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD41C Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJD41C
Description  Complementary Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD41C Datasheet(HTML) 3 Page - ON Semiconductor

  MJD41C Datasheet HTML 1Page - ON Semiconductor MJD41C Datasheet HTML 2Page - ON Semiconductor MJD41C Datasheet HTML 3Page - ON Semiconductor MJD41C Datasheet HTML 4Page - ON Semiconductor MJD41C Datasheet HTML 5Page - ON Semiconductor MJD41C Datasheet HTML 6Page - ON Semiconductor MJD41C Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MJD41C (NPN), MJD42C (PNP)
www.onsemi.com
3
TYPICAL CHARACTERISTICS
0.06
IC, COLLECTOR CURRENT (AMP)
0.2
0.4
4
20
7
500
VCE = 2 V
TJ = 150°C
70
0.3
1
25
°C
-55
°C
10
0.1
0.6
2
6
25
25
Figure 1. Power Derating
T, TEMPERATURE (
°C)
0
50
75
100
125
150
15
10
TC
5
20
Figure 2. Switching Time Test Circuit
2
IC, COLLECTOR CURRENT (AMP)
TJ = 25°C
VCC = 30 V
IC/IB = 10
1
0.7
0.5
0.3
0.2
tr
0.1
0.07
0.05
0.03
td @ VBE(off) ≈ 5 V
Figure 3. DC Current Gain
2.5
0
1.5
1
TA
0.5
2
300
200
100
50
30
5
0.02
0.06
0.2
0.4
4
1
0.1
0.6
2
6
Figure 4. Turn−On Time
+11 V
25
ms
0
-9 V
RB
-4 V
D1
SCOPE
VCC
+30 V
RC
tr, tf ≤ 10 ns
DUTY CYCLE = 1%
51
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1 MUST BE FAST RECOVERY TYPE, e.g.:
MSB5300 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
REVERSE ALL POLARITIES FOR PNP.
TC
TA SURFACE MOUNT
Figure 5. Base Emitter Voltage vs. Collector
Current
Figure 6. Base Emitter Saturation Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VCE = 4 V
TA = 150°C
80
°C
25
°C
−40
°C
−55
°C
IC/IB = 10
TA = 150°C
80
°C
25
°C
−40
°C
−55
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com