Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP53 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BCP53
Description  PNP Silicon Epitaxial Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP53 Datasheet(HTML) 2 Page - ON Semiconductor

  BCP53 Datasheet HTML 1Page - ON Semiconductor BCP53 Datasheet HTML 2Page - ON Semiconductor BCP53 Datasheet HTML 3Page - ON Semiconductor BCP53 Datasheet HTML 4Page - ON Semiconductor BCP53 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BCP53 Series
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Breakdown Voltage
(IC = −100 mAdc, IE = 0)
V(BR)CBO
−100
−
−
Vdc
Collector−Emitter Breakdown Voltage
(IC = −1.0 mAdc, IB = 0)
V(BR)CEO
−80
−
−
Vdc
Collector−Emitter Breakdown Voltage
(IC = −100 mAdc, RBE = 1.0 kW)
V(BR)CER
−100
−
−
Vdc
Emitter−Base Breakdown Voltage
(IE = −10 mAdc, IC = 0)
V(BR)EBO
− 5.0
−
−
Vdc
Collector−Base Cutoff Current
(VCB = − 30 Vdc, IE = 0)
ICBO
−
−
−100
nAdc
Emitter−Base Cutoff Current
(VEB = − 5.0 Vdc, IC = 0)
IEBO
−
−
−10
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = − 5.0 mAdc, VCE = − 2.0 Vdc)
All Part Types
(IC = −150 mAdc, VCE = − 2.0 Vdc)
BCP53, SBCP53
BCP53−10, SBCP53−10
BCP53−16, SBCP53−16, NSVBCP53−16
(IC = − 500 mAdc, VCE = − 2.0 Vdc)
All Part Types
hFE
25
40
63
100
25
−
−
−
−
−
−
250
160
250
−
−
Collector−Emitter Saturation Voltage
(IC = − 500 mAdc, IB = − 50 mAdc)
VCE(sat)
−
−
− 0.5
Vdc
Base−Emitter On Voltage
(IC = − 500 mAdc, VCE = − 2.0 Vdc)
VBE(on)
−
−
−1.0
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = −10 mAdc, VCE = − 5.0 Vdc, f = 35 MHz)
fT
−
50
−
MHz
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com