Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4890B Datasheet(PDF) 4 Page - Aplus Intergrated Circuits

Part # AP4890B
Description  1W AUDIO POWER AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AP4890B Datasheet(HTML) 4 Page - Aplus Intergrated Circuits

  AP4890B Datasheet HTML 1Page - Aplus Intergrated Circuits AP4890B Datasheet HTML 2Page - Aplus Intergrated Circuits AP4890B Datasheet HTML 3Page - Aplus Intergrated Circuits AP4890B Datasheet HTML 4Page - Aplus Intergrated Circuits AP4890B Datasheet HTML 5Page - Aplus Intergrated Circuits AP4890B Datasheet HTML 6Page - Aplus Intergrated Circuits AP4890B Datasheet HTML 7Page - Aplus Intergrated Circuits AP4890B Datasheet HTML 8Page - Aplus Intergrated Circuits AP4890B Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
INTEGRATED CIRCUITS INC.---
AP4890B
http://www.aplusinc.com.tw
Page
/ 15
Tel : 886-2-2782-9266
Ver1.2
4
6.1
ELECTRICAL CHARACTERISTICS VDD=3V, TA=25
℃
Symbol
Parameter
Conditions
AP4890B
UNIT
MIN
TYP
MAX
IDD
Quiescent Power
Supply Current
VIN=0V, Io=0A, No load
1.8
4
mA
VIN=0V, Io=0A, 8Ω load
1.9
4
mA
ISD
Shutdown Current
V SHUT DOWN=0V
0.1
2.0
µA
VSDIH
Shutdown Voltage
Input High
1.2
V
VSDIL
Shutdown Voltage
Input Low
0.4
V
VOS
Output Offset Voltage
5
25
mV
ROUT-GND Resistor Output to GND
9
10
11
kΩ
PO
Output Power (8Ω)
THD=1%; f=1kHz
0.28
0.35
W
TWU
Wake-up time
120
180
ms
TSD
Thermal Shutdown
Temperature
150
170
℃
THD+N
Total Harmonic
Distortion + Noise
PO=0.4 Wrms;
f=1kHz
0.15
%
PSRR
Power Supply
Rejection Ratio
Vripple=200mV sine p-p
Input Terminated with 10
ohms to ground
45
65(f=217Hz)
66(f=1kHz)
dB
6.2
ELECTRICAL CHARACTERISTICS VDD=2.6V, TA=25
℃
Symbol
Parameter
Conditions
AP4890B
UNIT
MIN
TYP
MAX
IDD
Quiescent Power
Supply Current
VIN=0V, Io=0A, No load
1.7
mA
ISD
Shutdown Current
V SHUT DOWN=0V
0.1
µA
PO
Output Power (8Ω)
Output Power (4Ω)
THD=1%; f=1kHz
0.25
0.32
W
THD+N
Total Harmonic
Distortion + Noise
PO=0.4 Wrms;
f=1kHz
0.15
%
PSRR
Power Supply
Rejection Ratio
Vripple=200mV sine p-p
Input Terminated with 10
ohms to ground
55
55(f=217Hz)
56(f=1kHz)
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com