Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IVR3K21 Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # IVR3K21
Description  Data Sheet
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

IVR3K21 Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  IVR3K21 Datasheet HTML 1Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 2Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 3Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 4Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 5Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 6Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 7Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 8Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Integrated Circuits Inc.
aIVR3K Series
Mar 27, 2012
6
DC CHARACTERISTICS
TA = 0 to 70℃, VDD = 3.0V, VSS = 0V
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
VDD
Operating Voltage
2.2
3.0
3.6
V
ISB
Standby current
1
5
µ
A
I/O properly terminated
IOP
Operating current
4
15
mA
I/O properly terminated
VIH
"H" Input Voltage
2.5
3.0
3.5
V
VDD=3.0V
VIL
"L" Input Voltage
-0.3
0
0.5
V
VDD=3.0V
IVOUTL
VOUT low O/P Current
130
mA
Vout=1.0V (Note 1)
IVOUTH
VOUT high O/P Current
-130
mA
Vout=2.0V (Note 1)
ICO
COUT O/P Current
-2
mA
Data = 80h
IOH
O/P High Current
-5
mA
VOH=2.5V
IOL
O/P Low Current
20
mA
VOL=0.3V
RNVOUT VOUT pull-down
resistance
100K
VOUT pin set to internal
pull-down
RNPB3
Programmable I/P pin
pull-down resistance
1M
PB3 is set to internal pull-
down
RNPIO
Programmable IO pin
pull-down resistance
1M
PBm, PCn, are set to
internal pull-down
RUPIO
Programmable IO pin
pull-up resistance
3.3K
4.7K
PBm, PCn, set to internal
pull-up
∆Fs/Fs
Frequency stability
-3
+3
%
VDD = 3V +/- 0.4V
∆Fc/Fc
Chip to chip Frequency
Variation
-5
+5
%
Also apply to lot to lot
variation
Note:
1. The current value is for normal volume. It is double for high volume. The VOUT volume is
selected by using the development system software provided.
2. Where PBm stands for programmable I/O pins PB0, PB1 and PB2; PCn stands for programmable
I/O pins PC0, PC1, PC2 and PC3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com