Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP777 Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # MTP777
Description  aMTP777
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

MTP777 Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

  MTP777 Datasheet HTML 1Page - Aplus Intergrated Circuits MTP777 Datasheet HTML 2Page - Aplus Intergrated Circuits MTP777 Datasheet HTML 3Page - Aplus Intergrated Circuits MTP777 Datasheet HTML 4Page - Aplus Intergrated Circuits MTP777 Datasheet HTML 5Page - Aplus Intergrated Circuits MTP777 Datasheet HTML 6Page - Aplus Intergrated Circuits MTP777 Datasheet HTML 7Page - Aplus Intergrated Circuits MTP777 Datasheet HTML 8Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Integrated Circuits Inc.
aMTP777
MAY 10, 2011
6
TYPICAL APPLICATIONS
Using 3.3V Battery Direct Drive Speaker
Using 4.5V Battery with COUT speaker drive
VSS, VSSA
4.5V
RSTB
PB0
PB1
PB2
OSC
0.1uF
Tr
VOUT2_
COUT
8
1/4W
Speaker
HT7335
Output driving of HT LDO:
HT7133 (30mA, 3.3V)
HT7536 (100mA, 3.6V)
HT7335 (250mA, 3.5V)
Rb
4.7K
Note :
PB0 to PB2 are set to input
C1 and C2 must be connected directly on the VDD/VDDA and
VSS/VSSA pins
VDDA
C1, 0.1uF
ROSC=220K
Rp=1ohm
VDD
C2, 0.1uF
DAT
SCK
DO
EN
VDDA
VSS, VSSA
3.3V
RSTB
PB0
PB1
PB2
OSC
Crst = 0.1uF
C1, 0.1uF
ROSC=220K
VOUT1
VOUT2_
COUT
Rrst = 4.7K
Note:
1.
PB0 to PB2 are set to input; PB3 is set to output
2.
C1 and C2 must be connected directly on the VDD, VDDA and VSS, VSSA pins of the chip
R1
1M
SP
Rp=1ohm
VDD
C2, 0.1uF
DAT
SCK
DO
EN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com