Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P23682 Datasheet(PDF) 21 Page - Aplus Intergrated Circuits

Part # P23682
Description  aP23682 ??682sec
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P23682 Datasheet(HTML) 21 Page - Aplus Intergrated Circuits

Back Button P23682 Datasheet HTML 17Page - Aplus Intergrated Circuits P23682 Datasheet HTML 18Page - Aplus Intergrated Circuits P23682 Datasheet HTML 19Page - Aplus Intergrated Circuits P23682 Datasheet HTML 20Page - Aplus Intergrated Circuits P23682 Datasheet HTML 21Page - Aplus Intergrated Circuits P23682 Datasheet HTML 22Page - Aplus Intergrated Circuits P23682 Datasheet HTML 23Page - Aplus Intergrated Circuits P23682 Datasheet HTML 24Page - Aplus Intergrated Circuits P23682 Datasheet HTML 25Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Integrated Circuits Inc.
aP23682/341/170/085 8PIN
Ver 2.5.1
21
May 24 2016
AC CHARACTERISTICS ( TA = 0 to 70℃, VDD = 3.3V, VSS = 0V, 8KHz sampling )
Symbol
Parameter
Min.
Typ.
Max.
Unit
Note
tKD
Key trigger debounce time (long)
16
ms
1
tKD
Key trigger debounce time (long) –
Retrigger during voice playback.
24
ms
1
tKD
Key trigger debounce time (short)
1
ms
1
tKD
Key trigger debounce time (short) –
Retrigger during voice playback.
1.5
ms
1
tSTPW
STOP pulse width (long)
128
ms
1
tSTPW
STOP pulse width (short)
500
μs
1
tAS
Address set-up time
300
ns
tAH
Address hold time
300
ns
tSBTW
SBT stroke pulse width (long)
16
ms
1
tSBTW
SBT stroke pulse width (short)
1
ms
1
tBO
BUSY signal output delay time(long)
24
ms
1
tBO
BUSY signal output delay time(short)
1
ms
1
tCS
Chip select set-up time
100
ns
tCH
Chip select hold time
100
ns
tSCKW
Serial clock pulse width
1
μs
tDS
Data set-up time
100
ns
tDH
Data hold time
100
ns
tSBO
BUSY signal output delay time
2
m
s
tRP
Ramp Up time
160
m
s
tRD
Ramp Down time
160
m
s
tFD
Full signal output delay time
2
m
s
Notes :
The long or short debounce time is selectable as whole chip option during Voice Files Compiling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com