Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89021 Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # P89021
Description  VOICE OTP IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P89021 Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  P89021 Datasheet HTML 1Page - Aplus Intergrated Circuits P89021 Datasheet HTML 2Page - Aplus Intergrated Circuits P89021 Datasheet HTML 3Page - Aplus Intergrated Circuits P89021 Datasheet HTML 4Page - Aplus Intergrated Circuits P89021 Datasheet HTML 5Page - Aplus Intergrated Circuits P89021 Datasheet HTML 6Page - Aplus Intergrated Circuits P89021 Datasheet HTML 7Page - Aplus Intergrated Circuits P89021 Datasheet HTML 8Page - Aplus Intergrated Circuits P89021 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Integrated Circuits Inc.
aP89021/010
Ver 4.0
Aug 23, 2010
5
VOICE SECTION COMBINATIONS
Voice files created by the PC base developing system are stored in the built-in EPROM of the
aP89021/010 chip as a number of fixed length Voice Blocks. Voice Blocks are then selected and
grouped into Voice Groups for playback. Up to 12 Voice Groups are allowed. A Voice Block Table
is used to store the information of combinations of Voice Blocks and then group them together to
form Voice Group.
Chip
aP89021
aP89010
Memory size
512K bits
256K bits
Max no. of Voice Block
126
124
No. of bytes per Voice Block
512
256
Max. no. of Voice Group
12
12
No. of Voice Table entries
960
960
Voice Length (@ 6KHz 4-bit ADPCM)
21 sec
10 sec
Example of Voice Block Combination
Assume here we have three voice files, they are “How are You?”, Sound Effect and Music. Each of
the voice file is divided into a number of fixed length Voice Block and stored into the memory.
Voice File 1 - “How are You?” is stored in Voice Block B0 to B12.
Voice File 2 - Sound Effect is stored in Voice Block B13 to B15.
Voice File 3 - Music is Voice Block B16 to B40.
Voice Blocks are grouped together using Voice Table to form Voice Group for playback:
Group no.
Voice Group contents
Voice Table Entries
Group 1
“How are You?”
B0 … B12
Group 2
Sound Effect + “How are You?”
B13 … B15 + B0 … B12
Group 3
“How are You?” + Music
B0 … B12 + B16 … B40
Group 4
Music
B16 … B40
Voice Data Compression
Voice File data is stored in the on-chip EPROM as either 4-bit ADPCM or 8-bit PCM format. Voice
data stored as 4-bit ADPCM provides 2:1 data compression which can save 50% of memory space.
On the other hand, voice data are stored as 8-bit PCM format means no data compression is employed
but voice playback quality will be better.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com