Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89085 Datasheet(PDF) 19 Page - Aplus Intergrated Circuits

Part # P89085
Description  VOICE OTP IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P89085 Datasheet(HTML) 19 Page - Aplus Intergrated Circuits

Back Button P89085 Datasheet HTML 15Page - Aplus Intergrated Circuits P89085 Datasheet HTML 16Page - Aplus Intergrated Circuits P89085 Datasheet HTML 17Page - Aplus Intergrated Circuits P89085 Datasheet HTML 18Page - Aplus Intergrated Circuits P89085 Datasheet HTML 19Page - Aplus Intergrated Circuits P89085 Datasheet HTML 20Page - Aplus Intergrated Circuits P89085 Datasheet HTML 21Page - Aplus Intergrated Circuits P89085 Datasheet HTML 22Page - Aplus Intergrated Circuits P89085 Datasheet HTML 23Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Integrated Circuits Inc.
aP89341/170/085
Ver 5.0
18
Aug 23, 2010
TYPICAL APPLICATIONS
Key Trigger Mode
Fig. 22 Using 3.3V Battery
Fig. 23 Using 4.5V Battery
VDD, AVDD,VPP
VSS, AVSS
4.5V
RST
S1
S2
S3
S8
SBT
OSC
0.1uF
C
ROS
C
T
COUT
8
1/4
Speaker
8 / 16
Speaker
VOUT1
VOUT2
OUT1
HT7335
Output driving of HT LDO:
HT7136 (30mA, 3.6V)
HT7133 (30mA, 3.3V)
HT7536 (100mA, 3.6V)
HT7335 (250mA, 3.5V)
•
•
•
•
•
•
Rb
1K
VDD, AVDD,VPP
VSS, AVSS
3.3V
RST
S1
S2
S3
S8
SBT
OSC
0.1uF
C
ROS
C
T
COUT
Rb
8
1/4W
Speaker
8 / 16
Speaker
VOUT1
VOUT2
OUT1
•
•
•
•
•
•
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com