Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA024EM Datasheet(PDF) 1 Page - Rohm

Part # DTA024EM
Description  PNP -100mA -50V Digital Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA024EM Datasheet(HTML) 1 Page - Rohm

  DTA024EM Datasheet HTML 1Page - Rohm DTA024EM Datasheet HTML 2Page - Rohm DTA024EM Datasheet HTML 3Page - Rohm DTA024EM Datasheet HTML 4Page - Rohm DTA024EM Datasheet HTML 5Page - Rohm DTA024EM Datasheet HTML 6Page - Rohm DTA024EM Datasheet HTML 7Page - Rohm DTA024EM Datasheet HTML 8Page - Rohm DTA024EM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DTA024E series
PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
Datasheet
l
lOutline
Parameter
Value
SOT-723
SOT-416FL
VCC
-50V
 
 
 
 
IC(MAX.)
-100mA
R1
22kΩ
DTA024EM
DTA024EEB
R2
22kΩ
(VMT3)
(EMT3F)
SOT-323FL
                     
l
lFeatures
 
 
 
 
1) Built-In Biasing Resistors, R1 = R2 = 22kΩ
2) Built-in bias resistors enable the configuration of
 an inverter circuit without connecting external
 input resistors (see inner circuit) .
3) Only the on/off conditions need to be set
 for operation, making the circuit design easy.
4) Complementary NPN Types: DTC024E series
 
 
 
 
DTA024EUB
 
(UMT3F)
 
                     
l
lInner circuit
l
lApplication
INVERTER, INTERFACE, DRIVER
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
DTA024EM
SOT-723
(VMT3)
1212
T2L
180
8
8000
38
DTA024EEB
SOT-416FL
(EMT3F)
1616
TL
180
8
3000
38
DTA024EUB
SOT-323FL
(UMT3F)
2021
TL
180
8
3000
38
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/7
20160119 - Rev.002


Similar Part No. - DTA024EM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA024EM ROHM-DTA024EM Datasheet
331Kb / 3P
100mA/-50V Digital transistors(with built-in resistors)
More results

Similar Description - DTA024EM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143TCA ROHM-DTA143TCA Datasheet
1Mb / 7P
PNP -100mA -50V Digital Transistor
DTA123YCA ROHM-DTA123YCA Datasheet
1,013Kb / 8P
PNP -100mA -50V Digital Transistor
DTA123ECA ROHM-DTA123ECA Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistor
DTA144ECA ROHM-DTA144ECA Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistor
DTA043E ROHM-DTA043E Datasheet
1Mb / 10P
PNP -100mA -50V Digital Transistor
DTA043Z ROHM-DTA043Z Datasheet
1Mb / 10P
PNP -100mA -50V Digital Transistor
DTA123E ROHM-DTA123E_15 Datasheet
1Mb / 12P
PNP -100mA -50V Digital Transistor
DTA124T ROHM-DTA124T Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistor
DTA124X ROHM-DTA124X Datasheet
1Mb / 11P
PNP -100mA -50V Digital Transistor
DTA143Z ROHM-DTA143Z Datasheet
1Mb / 14P
PNP -100mA -50V Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com