Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA1110 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # MSA1110
Description  Cascadable Silicon Bipolar MMIC Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSA1110 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  MSA1110 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSA1110 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSA1110 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSA1110 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Cascadable Silicon Bipolar
MMIC Amplifier
Technical Data
Features
• High Dynamic Range
Cascadable 50
Ω or 75 Ω
Gain Block
• 3 dB Bandwidth:
50 MHz to 1.6 GHz
• 17.5 dBm Typical P1dB at
0.5 GHz
• 12 dB Typical 50
Ω Gain at
0.5 GHz
• 3.5 dB Typical Noise Figure
at 0.5 GHz
• Hermetic Gold-ceramic
Microstrip Package
MSA-1110
100 mil Package
Typical Biasing Configuration
C block
C block
R bias
V
CC > 8 V
Vd = 5.5 V
RFC (Optional)
IN
OUT
MSA
4
1
2
3
Description
The MSA-1110 is a high perfor-
mance silicon bipolar Monolithic
Microwave Integrated Circuit
(MMIC) housed in a hermetic high
reliability package. This MMIC is
designed for high dynamic range
in either 50 or 75
Ω systems by
combining low noise figure with
high IP3. Typical applications
include narrow and broadband
linear amplifiers in industrial and
military systems.
The MSA-series is fabricated using
Agilent’s 10 GHz fT, 25 GHz fMAX
silicon bipolar MMIC process
which uses nitride self-alignment,
ion implantation, and gold metalli-
zation to achieve excellent
performance, uniformity and
reliability. The use of an external
bias resistor for temperature and
current stability also allows bias
flexibility.


Similar Part No. - MSA1110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA1105 HP-MSA1105 Datasheet
74Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
logo
ON Semiconductor
MSA1162GT1 ONSEMI-MSA1162GT1 Datasheet
44Kb / 4P
General Purpose Amplifier Transistors
September, 2003 ??Rev. 4
MSA1162GT1 ONSEMI-MSA1162GT1 Datasheet
47Kb / 2P
General Purpose Amplifier Transistors
January, 2006 ??Rev. 5
MSA1162GT1G ONSEMI-MSA1162GT1G Datasheet
47Kb / 2P
General Purpose Amplifier Transistors
January, 2006 ??Rev. 5
MSA1162GT1G ONSEMI-MSA1162GT1G Datasheet
92Kb / 3P
General Purpose Amplifier Transistors
October, 2013 ??Rev. 7
More results

Similar Description - MSA1110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA-0104 HP-MSA-0104 Datasheet
51Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0300 HP-MSA-0300 Datasheet
57Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0385 HP-MSA-0385 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0505 HP-MSA-0505 Datasheet
51Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
logo
M-pulse Microwave Inc.
MP4TD0335 MPLUSE-MP4TD0335 Datasheet
51Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0410 MPLUSE-MP4TD0410 Datasheet
49Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0700 MPLUSE-MP4TD0700 Datasheet
132Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0900 MPLUSE-MP4TD0900 Datasheet
139Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0470 AVAGO-MSA-0470 Datasheet
192Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com