Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6014 Datasheet(PDF) 2 Page - Mallory performance club

Part # 6014
Description  MSD LS Ignition Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6014 Datasheet(HTML) 2 Page - Mallory performance club

  6014 Datasheet HTML 1Page - Mallory performance club 6014 Datasheet HTML 2Page - Mallory performance club 6014 Datasheet HTML 3Page - Mallory performance club 6014 Datasheet HTML 4Page - Mallory performance club 6014 Datasheet HTML 5Page - Mallory performance club 6014 Datasheet HTML 6Page - Mallory performance club 6014 Datasheet HTML 7Page - Mallory performance club 6014 Datasheet HTML 8Page - Mallory performance club 6014 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
INSTALLATION INSTRUCTIONS
MSD • WWW .MSDPERFORMANCE.COM • (915) 855-7123 • F AX (915) 857-3344
PINK
Step Retard. When 12-volts are supplied, the Step Retard is activated.
BLUE
Two-Step. When 12-volts are supplied, the Launch Rev Limiter RPM value is active.
GRAY
Tach. Provides a 12-volt square wave signal.
RED
Battery Positive. From relay or dedicated fused 30A switch.
BLACK
Battery Negative
CAM/CRANK SENSOR - 10 PIN
ORANGE/YELLOW Pin-1
Crank
BROWN/WHITE
Pin-2
Cam
ORANGE
Pin-3
5-volt supply
PINK
Pin-4
12-volt supply
BROWN
Pin-6
Sensor Ground
ENGINE COOLANT TEMP SENSOR (ECT)
BLACK
Pin-1
Sensor Ground
YELLOW
Pin-2
Engine Coolant Signal
COIL CONNECTOR - EVEN CYLINDERS
BLACK
Pin-A
Chassis Ground
RED/GREEN
Pin-B
Coil 2
BROWN/GREEN
Pin-C
Coil 4
Pin-D
Not Used
BROWN
Pin-E
Sensor Ground
WHITE/BLUE
Pin-F
Coil 6
VIOLET/BLUE
Pin-G
Coil 8
PINK
Pin-H
12-volt supply
COIL CONNECTOR - ODD CYLINDERS
BLACK
Pin-A
Chassis Ground
RED
Pin-B
Coil 7
GREEN
Pin-C
Coil 5
Pin-D
Not Used
BROWN
Pin-E
Sensor Ground
BLUE
Pin-F
Coil 3
VIOLET
Pin-G
Coil 1
PINK
Pin-H
12-volt supply
WIRING FEATURES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com