Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8732 Datasheet(PDF) 2 Page - Mallory performance club

Part # 8732
Description  Digital 2-Step
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8732 Datasheet(HTML) 2 Page - Mallory performance club

  8732 Datasheet HTML 1Page - Mallory performance club 8732 Datasheet HTML 2Page - Mallory performance club 8732 Datasheet HTML 3Page - Mallory performance club 8732 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
INSTALLATION INSTRUCTIONS
MSD • W W W. M S D PE R F OR M A NC E . C OM • ( 91 5 ) 8 5 5 -7 1 2 3 • F AX ( 9 15 ) 8 57 - 33 4 4
WIRING
MOUNTING
It is suggested to mount the unit within easy reach for adjustments. The Control can be mounted
under the hood but should be away from direct engine heat sources. Make sure the wiring reaches the
connections and mark the mounting holes. Use an 1/8” bit to drill mounting holes and mount the unit.
WIRING
Red
Power. Connect to a switched 12 volts.
Black
Ground. Connect to ground.
Blue
Launch RPM Activation wire. When connected to 12 volts the launch rpm value is active.
Gray
Tach Signal. Connect to the Gray Tach Output wire of the MSD PN 6425.
Figure 2 Wiring the Control with an MSD Digital 6AL Ignition Control.
DISTRIBUTOR
ORANGE
BLACK
GRAY
GRAY
RED
12 VOLTS
RED
WHITE
POINTS/AMPLIFIER
MAGNETIC PICKUP
12 VOLTS IGNITION KEY
DIGITAL 6AL
REV
LIMITER
BLACK
TO GROUND
OR
SWITCH OR
MICRO SWITCH
PN 8820
TO 12V
BLUE
TO LINE LOCK
OR TRANS-BRAKE
SOLENOID
TACH
OUTPUT
X1000
X100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com