Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F18345 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC16F18345
Description  17 channel 10-bit Analog-to-Digital Converter (ADC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Datasheet(HTML) 2 Page - Microchip Technology

  PIC16F18345 Datasheet HTML 1Page - Microchip Technology PIC16F18345 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Microchip name and logo, the Microchip logo and PIC are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. The LoRa name and associated logo are
trademarks of Semtech Corporation or its subsidiaries. All other trademarks mentioned herein are property of their respective companies. © 2015, Microchip Technology Incorporated. All Rights Reserved.
Printed in the U.S.A. 10/15
DS30010108B
Visit our web site for additional product information and to locate your local sales office.
Microchip Technology Inc. • 2355 W. Chandler Blvd. • Chandler, AZ 85224-6199
www.microchip.com/8bit
Featured Products
Device
PIC16(L)F18313
3.5
256
256
6
9
1
1
2/1
–
–
–
2/2
–
1
1
2
1
1/1
ü
PIC16(L)F18323
3.5
256
256
12
15
1
2
2/1
–
–
–
2/2
–
1
1
2
1
1/1
ü
PIC16(L)F18324
7
256
512
12
15
1
2
4/3
–
–
–
4/2
–
2
1
4
1
1/1
ü
PIC16(L)F18325
14
256
1K
12
15
1
2
4/3
–
–
–
4/2
–
2
1
4
1
1/2
ü
PIC16(L)F18326
28
256
2K
12
15
1
2
4/3
–
–
–
4/2
–
2
1
4
1
1/2
ü
PIC16(L)F18344
7
256
512
18
21
1
2
4/3
–
–
–
4/2
–
2
1
4
1
1/2
ü
PIC16(L)F18345
14
256
1K
18
21
1
2
4/3
–
–
–
4/2
–
2
1
4
1
1/2
ü
PIC16(L)F18346
28
256
2K
18
21
1
2
4/3
–
–
–
4/2
–
2
1
4
1
1/2
ü
PIC16(L)F18854
7
256
512
25
24
1
2
3/4
2
ü
ü
5/2
ü
3
1
4
1
1/2
ü
PIC16(L)F18855
14
256
1K
25
24
1
2
3/4
2
ü
ü
5/2
ü
3
1
4
1
1/2
ü
PIC16(L)F18875
14
256
1K
36
35
1
2
3/4
2
ü
ü
5/2
ü
3
1
4
1
1/2
ü
PIC16(L)F18856
28
256
2K
25
24
1
2
3/4
2
ü
ü
5/2
ü
3
1
4
1
1/2
ü
PIC16(L)F18876
28
256
2K
36
35
1
2
3/4
2
ü
ü
5/2
ü
3
1
4
1
1/2
ü
PIC16(L)F18857
56
256
4K
25
24
1
2
3/4
2
ü
ü
5/2
ü
3
1
4
1
1/2
ü
PIC16(L)F18877
56
256
4K
36
35
1
2
3/4
2
ü
ü
5/2
ü
3
1
4
1
1/2
ü
*10-bit ADC with computation only available of 28- and 40-pin devices
Block Diagram
Development Made Easy
Start with the free download of the schematic and ‘C’
source code that can easily be modified to your specific
application needs.
Additional Information
■ IoT Sensor Badge Demonstration page:
www.microchip.com/IoTSensorBadge
■ PIC16F18345 product page:
www.microchip.com/PIC16F18345
■ PIC16F183XX family page:
www.microchip.com/PIC16F183XX
■ PIC16F188XX family page:
www.microchip.com/PIC16F18877ProductFamily
■ MCP16252 product page:
www.microchip.com/MCP16252
■ MCP9701 product page:
www.microchip.com/MCP9701
■ RN4020 product page: www.microchip.com/RN4020
PIC16F18345 Microcontroller
CPU
Memory
System
Communications
(E)USART
System
Communications
I2C
Sensor
Interface
ADC
Input
Interface
I/O
Signal
Generation
Numerically
Controlled Oscillator
Complementary
Waveform Generator
System
Communications
SPITM
10-bit PWM
Configurable
Logic Cell
Bluetooth®
Communications
Motion
Sensing
Temperature
Sensing
Push
Buttons
Buzzer
Drive
RGB LED
Drive



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com