Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS-232DB9 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # RS-232DB9
Description  AT90USBxxx TQFP device (2.7V
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

RS-232DB9 Datasheet(HTML) 2 Page - ATMEL Corporation

  RS-232DB9 Datasheet HTML 1Page - ATMEL Corporation RS-232DB9 Datasheet HTML 2Page - ATMEL Corporation RS-232DB9 Datasheet HTML 3Page - ATMEL Corporation RS-232DB9 Datasheet HTML 4Page - ATMEL Corporation RS-232DB9 Datasheet HTML 5Page - ATMEL Corporation RS-232DB9 Datasheet HTML 6Page - ATMEL Corporation RS-232DB9 Datasheet HTML 7Page - ATMEL Corporation RS-232DB9 Datasheet HTML 8Page - ATMEL Corporation RS-232DB9 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
STK525 Hardware User Guide User Guide
1
7608A–AVR–04/06
Section 1
Introduction ........................................................................................... 1-3
1.1
Overview ...................................................................................................1-3
1.2
STK525 Starter Kit Features .....................................................................1-4
Section 2
Using the STK525................................................................................. 2-6
2.1
Overview ...................................................................................................2-6
2.2
Power Supply ............................................................................................2-7
2.3
RESET ....................................................................................................2-10
2.4
AT90USBxxx AVR Microcontroller..........................................................2-11
2.5
Serial Links .............................................................................................2-11
2.6
On-board Resources...............................................................................2-14
2.7
STK500 Resources .................................................................................2-19
2.8
In-System Programming .........................................................................2-20
2.10 Test Points ..............................................................................................2-23
2.11 Configuration Pads .................................................................................2-24
2.12 Solder Pads ............................................................................................2-25
Section 3
Troubleshooting Guide ....................................................................... 3-26
Section 4
Technical Specifications ..................................................................... 4-27
Section 5
Technical Support ............................................................................... 5-28
Section 6
Complete Schematics ......................................................................... 6-29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com