Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK526 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # STK526
Description  AT90USB82/162 TQFP device (2.7V
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK526 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button STK526 Datasheet HTML 9Page - ATMEL Corporation STK526 Datasheet HTML 10Page - ATMEL Corporation STK526 Datasheet HTML 11Page - ATMEL Corporation STK526 Datasheet HTML 12Page - ATMEL Corporation STK526 Datasheet HTML 13Page - ATMEL Corporation STK526 Datasheet HTML 14Page - ATMEL Corporation STK526 Datasheet HTML 15Page - ATMEL Corporation STK526 Datasheet HTML 16Page - ATMEL Corporation STK526 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Using the STK526
2-12
STK526 rev. B Hardware User Guide
7709B–AVR–07/08
VBUS Detection The board also implements a VBUS detection on a generic I/O. A low-power (50µA)
voltage divider (/2) is connected from VBUS to PortC bit 2 pin. The VBUS presence is
detected with a high level on the MCU pin.
VBUS Power Source Moreover, even if not selected as primary power source, VBUS powers the on-board
3.3V regulator (through a diode to avoid current being supplied to USB Host) in order to
get 3V3 voltage in any condition (this allows to power the dataflash at any time, or to
allow a USB Bus-powered operation with all the board at 3.3V.
However, this feature can make current flowing from VBUS to some board peripherals
even if an alternate power source is used to power the board. That may lead to
unwanted extra-consumption, so it can be disabled by cutting the configuration pad.
Figure 2-10 . Configuration Pad Location
Note:
See Section “Configuration Pads”, page 24 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com