Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4895LD Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4895LD
Description  1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4895LD Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4895LD Datasheet HTML 7Page - National Semiconductor (TI) LM4895LD Datasheet HTML 8Page - National Semiconductor (TI) LM4895LD Datasheet HTML 9Page - National Semiconductor (TI) LM4895LD Datasheet HTML 10Page - National Semiconductor (TI) LM4895LD Datasheet HTML 11Page - National Semiconductor (TI) LM4895LD Datasheet HTML 12Page - National Semiconductor (TI) LM4895LD Datasheet HTML 13Page - National Semiconductor (TI) LM4895LD Datasheet HTML 14Page - National Semiconductor (TI) LM4895LD Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Application Information (Continued)
However, a direct consequence of the increased power de-
livered to the load by a bridge amplifier is an increase in
internal power dissipation versus a single-ended amplifier
operating at the same conditions.
P
DMAX = 4*(VDD)
2/(2
π2R
L) Bridge Mode
(2)
Since the LM4895 has bridged outputs, the maximum inter-
nal power dissipation is 4 times that of a single-ended am-
plifier. Even with this substantial increase in power dissipa-
tion, the LM4895 does not require additional heatsinking
under most operating conditions and output loading. From
Equation 3, assuming a 5V power supply and an 8
Ω load,
the maximum power dissipation point is 625mW. The maxi-
mum power dissipation point obtained from Equation 3 must
not be greater than the power dissipation results from Equa-
tion 4:
P
DMAX =(TJMAX -TA)/
θ
JA
(3)
The LM4895’s
θ
JA in an MUA10A package is 190˚C/W.
Depending on the ambient temperature, T
A, of the system
surroundings, Equation 4 can be used to find the maximum
internal power dissipation supported by the IC packaging. If
the result of Equation 3 is greater than that of Equation 4,
then either the supply voltage must be decreased, the load
impedance increased, the ambient temperature reduced, or
the
θ
JA reduced with heatsinking. In many cases, larger
traces near the output, V
DD, and GND pins can be used to
lower the
θ
JA. The larger areas of copper provide a form of
heatsinking allowing higher power dissipation. For the typical
application of a 5V power supply, with an 8
Ω load, the
maximum ambient temperature possible without violating the
maximum junction temperature is approximately 30˚C pro-
vided that device operation is around the maximum power
dissipation point. Recall that internal power dissipation is a
function of output power. If typical operation is not around the
maximum power dissipation point, the LM4895 can operate
at higher ambient temperatures. Refer to the Typical Per-
formance Characteristics curves for power dissipation in-
formation.
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is
critical for low noise performance and high power supply
rejection ratio (PSRR). The capacitor location on both the
bypass and power supply pins should be as close to the
device as possible. A larger half-supply bypass capacitor
improves PSRR because it increases half-supply stability.
Typical applications employ a 5V regulator with 10µF and
0.1µF bypass capacitors that increase supply stability. This,
however, does not eliminate the need for bypassing the
supply nodes of the LM4895. Although the LM4895 will
operate without the bypass capacitor C
B, although the PSRR
may decrease. A 1µF capacitor is recommended for C
B. This
value maximizes PSRR performance. Lesser values may be
used, but PSRR decreases at frequencies below 1kHz. The
issue of C
B selection is thus dependant upon desired PSRR
and click and pop performance.
SHUTDOWN FUNCTION
In order to reduce power consumption while not in use, the
LM4895 contains shutdown circuitry that is used to turn off
the amplifier’s bias circuitry. In addition, the LM4895 con-
tains a Shutdown Mode pin, allowing the designer to desig-
nate whether the part will be driven into shutdown with a high
level logic signal or a low level logic signal. This allows the
designer maximum flexibility in device use, as the Shutdown
Mode pin may simply be tied permanently to either V
DD or
GND to set the LM4895 as either a ’shutdown-high’ device or
a ’shutdown-low’ device, respectively. The device may then
be placed into shutdown mode by toggling the Shutdown
Select pin to the same state as the Shutdown Mode pin. For
simplicity’s sake, this is called ’shutdown same’, as the
LM4895 enters shutdown mode whenever the two pins are
in the same logic state. The trigger point for either shutdown
high or shutdown low is shown as a typical value in the
Supply Current vs Shutdown Voltage graphs in the Typical
Performance Characteristics section. It is best to switch
between ground and supply for maximum performance.
While the device may be disabled with shutdown voltages in
between ground and supply, the idle current may be greater
than the typical value of 0.1µA. In either case, the shutdown
pin should be tied to a definite voltage to avoid unwanted
state changes.
In many applications, a microcontroller or microprocessor
output is used to control the shutdown circuitry, which pro-
vides a quick, smooth transition to shutdown. Another solu-
tion is to use a single-throw switch in conjunction with an
external pull-up resistor (or pull-down, depending on shut-
down high or low application). This scheme guarantees that
the shutdown pin will not float, thus preventing unwanted
state changes.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com