Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9237EVAL2Z Datasheet(PDF) 39 Page - Intersil Corporation

Part # ISL9237EVAL2Z
Description  Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9237EVAL2Z Datasheet(HTML) 39 Page - Intersil Corporation

Back Button ISL9237EVAL2Z Datasheet HTML 32Page - Intersil Corporation ISL9237EVAL2Z Datasheet HTML 33Page - Intersil Corporation ISL9237EVAL2Z Datasheet HTML 34Page - Intersil Corporation ISL9237EVAL2Z Datasheet HTML 35Page - Intersil Corporation ISL9237EVAL2Z Datasheet HTML 36Page - Intersil Corporation ISL9237EVAL2Z Datasheet HTML 37Page - Intersil Corporation ISL9237EVAL2Z Datasheet HTML 38Page - Intersil Corporation ISL9237EVAL2Z Datasheet HTML 39Page - Intersil Corporation ISL9237EVAL2Z Datasheet HTML 40Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
ISL9237
39
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN8723.3
July 7, 2016
For additional products, see www.intersil.com/en/products.html
Submit Document Feedback
About Intersil
Intersil Corporation is a leading provider of innovative power management and precision analog solutions. The company's products
address some of the largest markets within the industrial and infrastructure, mobile computing and high-end consumer markets.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com.
You may report errors or suggestions for improving this datasheet by visiting www.intersil.com/ask.
Reliability reports are also available from our website at www.intersil.com/support.
28
COMP
Place the compensation components in general proximity of the controller. Avoid any switching signal from crossing
over or getting close.
29
AMON/BMON
No special consideration. Place the optional RC filter in general proximity of the controller.
30
PSYS
Signal pin, current source output. No special consideration.
31
VBAT
Place the optional RC filter in general proximity of the controller. Run a dedicated trace from the battery positive
connection point to the IC.
32
BGATE
Use decent width trace from the IC to the BGATE MOSFET gate. Place the capacitor from BGATE to ground close to the
MOSFET.
Layout Guidelines (Continued)
PIN NUMBER
PIN NAME
LAYOUT GUIDELINES
Revision History The revision history provided is for informational purposes only and is believed to be accurate, however, not
warranted. Please go to the web to make sure that you have the latest revision.
DATE
REVISION
CHANGE
July 7, 2016
FN8723.3
Removed confidential information to make the datasheet publicly available on the web.
June 7, 2016
FN8723.2
Added Related Literature section.
Updated the Ordering Information table by adding the Evaluation board part number.
Fixed typo on Figure 2 on page 5.
Updated “Power Source Selection” on page 29.
Updated “Stand-Alone Comparator” on page 31.
May 12, 2016
FN8723.1
Updated Note 1 by adding “-T7A” option.
Removed Evaluation Board from ordering information table.
-Table 13 on page 23 updated Bit 11 from "Bit<11> configures the debounce time from ACOK assertion
to switching" to "Bit<11> configures the debounce time from adapter insertion to ASGATE turning on" and
changed the Bit name from “Adapter Insertion to Switching Debounce” to “Adapter Insertion to ASGATE
Turning ON Debounce”.
-Table 18 on page 28 added Min and Max column to the table and updated Typ 1% values. Changed the
note from "207kΩ is not standard resistor" to "203kΩ is not standard resistor”.
February 10, 2016
FN8723.0
Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com