Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF20SC6 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # SF20SC6
Description  SCHOTTKY RECTIFIERS (SBD)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

SF20SC6 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  SF20SC6 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd SF20SC6 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd SF20SC6 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd SF20SC6 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd SF20SC6 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd SF20SC6 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd SF20SC6 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd SF20SC6 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd SF20SC6 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SF20SC6
60V 20A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit:mm
RATINGS
SHINDENGEN
Case : FTO-220
Tj150
PRRSM avalanche guaranteed
Fully Isolated Molding
High current capacity with Small Package
Dielectric strength 2kV guaranteed
FEATURES
Switching power supply
DC/DC converter
Home Appliances, Office Equipment
Telecommunication
APPLICATION
Dual
Schottky Rectifiers (SBD)
œAbsolute Maximum Ratings iIf not specified, Tc=25Žj
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55`150
Ž
Operating Junction Temperature
Tj
150
Ž
Maximum Reverse Voltage
VRM
60
V
Repetitive Peak Surge Reverse Voltage
VRRSM Pulse width 0.5ms, duty 1/40
65
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Rating for each diode Io/2, Tc=118Ž
20
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25Ž
230
A
Repetitive Peak Surge Reverse Power
PRRSM Pulse width 10Ês, Rating of per diode, Tj=25Ž
660
W
Dielectric Strength
Vdis Terminals to case, AC 1 minute
2kV
Mounting Torque
TOR (Recommended torque : 0.3NEm)
0.5
NE
œElectrical Characteristics iIf not specified, Tc=25Žj
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=10A, Pulse measurement, Rating of per diode
Max.0.63
V
Reverse Current
IR
VR=VRM, Pulse measurement, Rating of per diode
Max.8
mA
Junction Capacitance
Cj
f=1MHz, VR=10V Rating of per diode
Typ.370
pF
Æjc
junction to case
Max.1.8
Thermal Resistance
Æjf
junction to heatsink
Max.4.3
Ž/W
Æcf
case to heatsink
Max.2.5


Similar Part No. - SF20SC6

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
SF20SC3 SHINDENGEN-SF20SC3 Datasheet
619Kb / 10P
Schottky Rectifiers (SBD) (30V 20A)
SF20SC3L SHINDENGEN-SF20SC3L Datasheet
619Kb / 10P
Schottky Rectifiers (SBD) (30V 20A)
SF20SC4 SHINDENGEN-SF20SC4 Datasheet
617Kb / 10P
Schottky Rectifiers (SBD) (40V 20A)
SF20SC9 SHINDENGEN-SF20SC9 Datasheet
356Kb / 8P
SCHOTTKY RECTIFIERS SBD
More results

Similar Description - SF20SC6

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
M2FH3 SHINDENGEN-M2FH3 Datasheet
468Kb / 11P
SCHOTTKY RECTIFIERS (SBD)
M2FM3 SHINDENGEN-M2FM3 Datasheet
480Kb / 12P
SCHOTTKY RECTIFIERS (SBD)
SF20SC9 SHINDENGEN-SF20SC9 Datasheet
356Kb / 8P
SCHOTTKY RECTIFIERS SBD
S40HC1R5 SHINDENGEN-S40HC1R5 Datasheet
254Kb / 8P
SCHOTTKY RECTIFIERS SBD
DG1M3 SHINDENGEN-DG1M3 Datasheet
248Kb / 8P
SCHOTTKY RECTIFIERS (SBD)
M1FM3 SHINDENGEN-M1FM3 Datasheet
541Kb / 12P
Schottky Rectifiers (SBD)
D15XBS6 SHINDENGEN-D15XBS6 Datasheet
476Kb / 11P
Schottky Rectifiers(SBD)
S60HC3 SHINDENGEN-S60HC3 Datasheet
255Kb / 8P
Schottky Rectifiers(SBD)
SF20JC10 SHINDENGEN-SF20JC10 Datasheet
256Kb / 8P
Schottky Rectifiers (SBD)
DG1H3 SHINDENGEN-DG1H3 Datasheet
261Kb / 9P
SCHOTTKY RECTIFIERS (SBD)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com