Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEGA168PB Datasheet(PDF) 21 Page - ATMEL Corporation

Part # MEGA168PB
Description  Single cycle instructions
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MEGA168PB Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button MEGA168PB Datasheet HTML 17Page - ATMEL Corporation MEGA168PB Datasheet HTML 18Page - ATMEL Corporation MEGA168PB Datasheet HTML 19Page - ATMEL Corporation MEGA168PB Datasheet HTML 20Page - ATMEL Corporation MEGA168PB Datasheet HTML 21Page - ATMEL Corporation MEGA168PB Datasheet HTML 22Page - ATMEL Corporation MEGA168PB Datasheet HTML 23Page - ATMEL Corporation MEGA168PB Datasheet HTML 24Page - ATMEL Corporation MEGA168PB Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Product Selection Guide
21
SAMW25H18
-MR210PB
SAMW25H18
-MR510PB
Wi-Fi SoC
WINC1510B
WINC1510B
Embedded Host MCU
SAM D21
SAM D21
Single Band 802.11n
ü
ü
WPS,WPA/WPA2
Supplicant
ü
ü
TCP/UPD, DNS,
HTTP/HTTPS, TLS
ü
ü
CryptoAuthentication
(ECC508A)
-
ü
Antenna Design
PCB
PCB
OTA Upgrade
ü
ü
Dimensions
34 x15mm
Pin Out
51 castellations
Certification
FCC, IC, ETSI, TELEC
Availability (MP)
NOW
Atmel | SMART SAM W25
Standalone Applications Wi-Fi Module
Key Features:
• IEEE 802.11 b/g/n (1x1) for up to 72 Mbps
• Integrated PA and T/R switch can operate
completely host-less in most applications
• Superior sensitivity and range via advanced
PHY signal processing
• Wi-Fi Direct, station mode and Soft-AP support
• Supports IEEE 802.11 WEP, WPA
• On-chip memory management engine
to reduce host load
• 4 Mbit internal Flash memory with OTA
firmware upgrade
• SPI, UART and I2C as host interfaces
• TCP/IP protocol stack (client/server)
sockets applications
• Network protocols (DHCP/DNS), including
secure TLS stack
• WSC (wireless simple configuration WPS)
SPI Driver
API
Wi-Fi Stack
TCP/IP
TLS
SPI Driver
Socket API
Host
Application
SPI
4KB Flash
1KB RAM
15mm
34mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com